전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GPTR5230 데이터시트(Datasheet) 1 Page - Green Power Solutions srl

부품명 GPTR5230
상세내용  PHASE CONTROLLED SCR
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GPSEMI [Green Power Solutions srl]
홈페이지  http://www.gpsemi.it
Logo 

   
 1 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPTR5230.pdf
GPTR5230
PHASE CONTROLLED SCR
High reliability operation
DC power supply
Controlled rectifiers
DC drives - Motor starters
BLOCKING VOLTAGE UP TO
4400 V
AVERAGE CURRENT
2300 A
SURGE CURRENT
37 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
4400
V
VRSM
Non-repetitive peak reverse voltage
4500
V
VDRM
Repetitive peak off-state voltage
4400
V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
300
mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
300
mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
2300
A
IT(RMS)
R.M.S. on-state current
Sine wave,180° conduction, Th = 55 °C
3613
A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
37
kA
I²t
I² t for fusing coordination
6845
kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
1.20
V
rT
On-state slope resistance
Tj = Tjmax
0.300
m
W
VTM
Peak on-state voltage, max
On-state current IT = 3000 A , Tj = Tjmax
2.10
V
IH
Holding current, max
Tj = 25 °C
300
mA
IL
Latching current, typ
Tj = 25 °C
1500
mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 12 V
3
V
IGT
Gate trigger current
Tj = 25 °C, VD = 12 V
300
mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0.35
V
PGM
Peak gate power dissipation
Pulse width 0.5 ms
150
W
PG(AV)
Average gate power dissipation
5
W
IFGM
Peak gate current
10
A
VFGM
Peak gate voltage (forward)
30
V
VRGM
Peak gate voltage (reverse)
5
V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Tj = Tjmax
200
A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
1000
V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 2300 A, di/dt = -10 A/µs
630
µs
VR = 100 V, VD = 67% VDRM, dV/dt = 50 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.009
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.002
°C/W
Tjmax
Max operating junction temperature
125
°C
Tstg
Storage temperature
-40 / 125
°C
F
Clamping force ± 10%
45
kN
Mass
1500
g
Document GPTR5230T002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl