전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

SMFA61 데이터시트(Datasheet) 1 Page - Vitec Power

부품명 SMFA61
상세내용  63W Open Frame Power Supply for Medical Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  Vitec [Vitec Power]
홈페이지  http://www.vitecpower.com/
Logo 

   
 1 page
background image
SMFA61 SERIES
63W Open Frame Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63 Hz
Single to Quad Output
Input Surge Current, Over Voltage, Over Load and Output Voltage Protection
Power Fail Detect (Optional)
Output Voltage Available from 3VDC through 40VDC
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp
terminal
Output connector mates with Molex housing 09-50-3081and Molex 2478 series crimp
terminal
Class I Insulation
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max. Output Power
SMFA61-S01
3 - 5 VDC
16.6 - 10.0 A
5%
50W
SMFA61-S02
5 - 6 VDC
11.0 - 9.16 A
5%
55W
SMFA61-S03
6 - 8 VDC
10.0 - 7.50 A
5%
60W
SMFA61-S04
8 - 11 VDC
7.87 - 5.72 A
3%
63W
SMFA61-S05
11 - 13 VDC
5.72 - 4.84 A
3%
63W
SMFA61-S05-1
11 - 13 VDC
4.09 - 3.46 A
3%
45W
SMFA61-S06
13 - 16 VDC
4.84 - 3.93 A
3%
63W
SMFA61-S07
16 - 21 VDC
3.93 - 3.00 A
3%
63W
SMFA61-S08
21 - 27 VDC
3.00 - 2.33 A
2%
63W
SMFA61-S09
27 - 33 VDC
2.33 - 1.90 A
2%
63W
SMFA61-S10
33 - 40 VDC
1.90 - 1.57 A
2%
63W
Multi Output
Part Number
Output 1
Output 2
Output 3
Output 4
Max. Output
Power
Vonom Iomin
Iomax Regmax Vonom Iomin
Iomax Regmax Vonom Iomin
Iomax Regmax Vonom Iomin
Iomax Regmax
SMFA61-D00
+3.3V
1.4A
7A
7%
+12V
0.6A
3A
5%
59.1W
SMFA61-D01
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
SMFA61-D02
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
SMFA61-D03
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
SMFA61-D04
+3.3V
1.4A
7A
7%
+5V
0.5A
5A
5%
48.1W
SMFA61-D15
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
SMFA61-T00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SMFA61-T00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SMFA61-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
SMFA61-T01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
SMFA61-T02
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SMFA61-T02-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SMFA61-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
SMFA61-T03-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
SMFA61-T05
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
SMFA61-T05-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
SMFA61-T06
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
SMFA61-T06-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
SMFA61-T08
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
SMFA61-T08-1
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
SMFA61-Q00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMFA61-Q00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMFA61-Q00-2
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMFA61-Q00-3
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMFA61-Q01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMFA61-Q01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMFA61-Q01-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMFA61-Q01-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMFA61-Q02
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SMFA61-Q02-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
SMFA61-Q02-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SMFA61-Q02-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
SMFA61-Q03
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SMFA61-Q03-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SMFA61-Q03-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SMFA61-Q03-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SMFA61-Q04
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMFA61-Q04-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SMFA61-Q04-2
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SMFA61-Q04-3
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl