전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

2SA608N 데이터시트(Datasheet) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SA608N
상세내용  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/index.asp
Logo 

   
 1 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SA608N
TRANSISTOR (PNP)
FEATURES
Large Current Capacity and Wide ASO.
APPLICATIONS
Capable of Being Used in The Low Frequency to High
Frequency Range.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-0.01mA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.01mA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-40V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
hFE(1)
VCE=-6V, IC=-1mA
160
560
DC current gain
hFE(2)
VCE=-6V, IC=-0.1mA
70
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-10mA
-0.3
V
Base-emitter saturation voltage
VBE (sat)
IC=-100mA,IB=-10mA
-1
V
Collector output capacitance
Cob
VCB=-6V,IC=0, f=1MHz
4.5
pF
Transition frequency
fT
VCE=-6V,IC=-10mA
200
MHz
CLASSIFICATION OF hFE(1)
RANK
F
G
RANGE
160-320
280-560
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current
-0.15
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
,
,2015




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl