전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

2SA608N 데이터시트(Datasheet) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SA608N
상세내용  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/index.asp
Logo 

   
 2 page
background image
-1
-10
-100
-300
-600
-900
-1200
-1500
0
25
50
75
100
125
150
0
200
400
600
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
-100
10
100
1000
-200
-400
-600
-800
-1000
-0.1
-1
-10
-100
-0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-0
-3
-6
-9
-12
-15
-1
-10
0.1
1
10
100
-1
-10
-100
10
100
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
f
T
——
I
C
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
-150
-150
-150
-150
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -6V
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
——
V
BE
COMMON EMITTER
V
CE=-6V
Static Characteristic
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-50uA
-45uA
-40uA
-35uA
-30uA
-25uA
-10uA
-15uA
-20uA
I
B=-5uA
COLLECTOR-BASE VOLTAGE V
CB/VEB
(V)
-30
C
ob
/C
ib
— —
V
CB
/V
EB
f=1MHz
I
C=0/IE=0
T
a=25
C
ob
C
ib
500
COMMON EMITTER
VCE=-6V
T
a=25
COLLECTOR CURRENT I
C
(mA)
www.cj-elec.com
2
,
,2015
Typical Characteristics




Html 페이지

1  2  3  4 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl