전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

2SA854S 데이터시트(Datasheet) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SA854S
상세내용  TO-92S Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/index.asp
Logo 

   
 1 page
background image
TO – 92S
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92S Plastic-Encapsulate Transistors
2SA854S
TRANSISTOR (PNP)
FEATURES
Large IC.
Low VCE(sat). Idea for Low-voltage Operation.
Complements the 2SC1741S.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-20V,IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-1
μA
DC current gain
hFE
VCE=-3V, IC=-10mA
120
390
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-10mA
-0.4
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
8
pF
Transition frequency
fT
VCE=-5V,IC=-20mA, f=100MHz
200
MHz
CLASSIFICATION OF hFE
RANK
Q
R
RANGE
120-270
180-390
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-32
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-0.5
A
PC
Collector Power Dissipation
200
mW
RθJA
Thermal Resistance From Junction To Ambient
625
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
JC T
www.cj-elec.com
1
www.cj-elec.com
1
3
2
A,Jun,2014
D,Jul,2016




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl