전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC62WV256PC 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 STC62WV256PC
상세설명  VERY LOW POWER/VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STC62WV256PC 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  STC62WV256PC Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV256PC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Revision 2.3
Jan.
2004
2
STC
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not 100% tested.
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal
Voltage
with
Respect to GND
-0.5 to
Vcc+0.5
V
TBIAS
Temperature Under Bias
-40 to +125
O C
TSTG
Storage Temperature
-60 to +150
O C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
STC62WV256
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0 O C to +70 O C2.4V ~ 5.5V
Industrial
-40 O C to +85 O C2.4V ~ 5.5V
R0201-
STC62WV256
Name
Function
A0-A14 Address Input
These 15 address inputs select one of the 32768 x 8-bit words in the RAM
CE Chip Enable Input
CE is active LOW. Chip enables must be active when data read from or write to the
device. If chip enable is not active, the device is deselected and is in a standby power
mode. The DQ pins will be in the high impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
DQ0 – DQ7 Data Input/Output
Ports
These 8 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Gnd
Ground
TRUTH TABLE
PIN DESCRIPTIONS
MODE
WE
CE
OE
I/O OPERATION
Vcc CURRENT
Not selected
X
H
X
High Z
I
CCSB, ICCSB1
Output Disabled
H
L
H
High Z
I
CC
Read
H
L
L
DOUT
I
CC
Write
L
L
X
DIN
I
CC
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT


유사한 부품 번호 - STC62WV256PC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AC ETC1-STC62WV25616AC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616AI ETC1-STC62WV25616AI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DC ETC1-STC62WV25616DC Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
STC62WV25616DI ETC1-STC62WV25616DI Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

유사한 설명 - STC62WV256PC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com