전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK25C48-W 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 STK25C48-W
상세설명  2K X 8 AUTOSTORE NVSRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STK25C48-W 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  STK25C48-W Datasheet HTML 1Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 2Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 3Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 4Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 5Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 6Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 7Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STK25C48
July 1999
3-32
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to VSS . . . . . . . . . . –0.6V to (VCC + 0.5V)
Voltage on DQ0-7. . . . . . . . . . . . . . . . . . . . . . –0.5V to (VCC + 0.5V)
Temperature under Bias . . . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . . 15mA
DC CHARACTERISTICS
(VCC = 5.0V ± 10%)
b
Note b:
The STK25C48-20 requires VCC = 5.0V ± 5% supply to operate at specified speed.
Note c:
ICC
1
and ICC
3
are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note d:
ICC
2
and ICC
4
are the average currents required for the duration of the respective STORE cycles (tSTORE ).
Note e:
E
≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
AC TEST CONDITIONS
CAPACITANCEf
(T
A = 25
°C, f = 1.0MHz)
Note f:
These parameters are guaranteed but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC
1
c
Average VCC Current
95
85
75
65
N/A
90
75
65
mA
mA
mA
mA
tAVAV = 20ns
tAVAV = 25ns
tAVAV = 35ns
tAVAV = 45ns
ICC
2
d
Average VCC Current during STORE
33
mA
All Inputs Don’t Care, VCC = max
ICC
3
c
Average VCC Current at tAVAV = 200ns
5V, 25°C, Typical
10
10
mA
W
≥ (V CC – 0.2V)
All Others Cycling, CMOS Levels
ICC
4
d
Average VCAP Current during
AutoStore™ Cycle
22
mA
All Inputs Don’t Care
ISB
1
e
Average VCC Current
(Standby, Cycling TTL Input Levels)
30
25
21
18
N/A
26
22
19
mA
mA
mA
mA
tAVAV = 20ns, E ≥ VIH
tAVAV = 25ns, E ≥ VIH
tAVAV = 35ns, E ≥ VIH
tAVAV = 45ns, E ≥ VIH
ISB
2
e
VCC Standby Current
(Standby, Stable CMOS Input Levels)
1.5
1.5
mA
E
≥ (V CC– 0.2V)
All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current
±1
±1
µA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±5
±5
µA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.2
VCC + .5
2.2
VCC + .5
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 4mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8mA
TA
Operating Temperature
0
70
– 40
85
°C
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V
Input Rise and Fall Times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
8pF
∆V = 0 to 3V
COUT
Output Capacitance
7pF
∆V = 0 to 3V
Figure 1: AC Output Loading
480 Ohms
30 pF
255 Ohms
5.0V
INCLUDING
OUTPUT
SCOPE AND
FIXTURE
Note a:
Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at condi-
tions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.


유사한 부품 번호 - STK25C48-W

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

유사한 설명 - STK25C48-W

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com