전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1627A 데이터시트(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SC1627A
상세설명  TO-92MOD Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1627A 데이터시트(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1627A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1627A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1627A Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1627A Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
100
200
400
600
800
1000
10
100
10
100
1000
200
400
600
800
1000
0.1
1
10
100
1
10
100
10
100
1000
012
3456
0
20
40
60
80
100
120
0
25
50
75
100
125
150
0
200
400
600
800
1000
0.1
1
10
1
10
100
1000
110
100
10
100
1000
V
BE
400
β=10
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
COMMON EMITTER
V
CE= 10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
——
COMMON EMITTER
V
CE=2V
T
a=100
T
a=25
400
BASE-EMMITER VOLTAGE V
BE (mV)
400
β=10
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
Static Characteristic
COMMON EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
I
B=0.06mA
0.60mA
0.54mA
0.48mA
0.42mA
0.36mA
0.30mA
0.24mA
0.18mA
0.12mA
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
300
30
2
f=1MHz
I
E=0/IC=0
T
a=25
38
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
130
0.4
400
COMMON EMITTER
V
CE=2V
I
C
h
FE
——
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
Typical Characteristics
a
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
D,Mar,2016


유사한 부품 번호 - 2SC1627A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC1627A TOSHIBA-2SC1627A Datasheet
146Kb / 2P
   TRANSISTOR (ERIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SC1627A TEL-2SC1627A Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SC1627A TOSHIBA-2SC1627A Datasheet
112Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process)
logo
SHENZHEN YONGERJIA INDU...
2SC1627A WINNERJOIN-2SC1627A Datasheet
131Kb / 1P
   TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC1627A FOSHAN-2SC1627A Datasheet
892Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
More results

유사한 설명 - 2SC1627A

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
2SA965 JIANGSU-2SA965 Datasheet
4Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
2SB985 JIANGSU-2SB985 Datasheet
3Mb / 5P
   TO-92MOD Plastic-Encapsulate Transistors
3CG751 JIANGSU-3CG751 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
2SB740 JIANGSU-2SB740 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
2SB927 JIANGSU-2SB927 Datasheet
2Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
2SC2230 JIANGSU-2SC2230 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Avic Technology
AV966 AVICTEK-AV966 Datasheet
424Kb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KSA931 JIANGSU-KSA931 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
KSC2316 JIANGSU-KSC2316 Datasheet
3Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
KSC2328A JIANGSU-KSC2328A Datasheet
1Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com