전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1675 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SC1675
상세설명  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1675 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1675 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1675 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1675 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92
1.EMITTER
2.BASE
3.COLLECTOR
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SC1675
TRANSISTOR (NPN)
FEATURES
Low Collector Current
General Purpose Switching and Amplification
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 10µA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=5mA,IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=50V,IE=0
100
nA
Emitter cut-off current
IEBO
VEB=5V,IC=0
100
nA
DC current gain
hFE
VCE=6V, IC=1mA
40
240
Collector-emitter saturation voltage
VCE(sat)
IC=10mA,IB=1mA
0.3
V
Base-emitter voltage
VBE
VCE=6V, IC=1mA
0.75
V
Collector output capacitance
Cob
VCB=6V,IE=0, f=1MHz
2.5
pF
Transition frequency
fT
VCE=6V,IC=1mA
150
MHz
CLASSIFICATION OF hFE
RANK
R
O
Y
RANGE
40-80
70-140
120-240
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
50
mA
PC
Collector Power Dissipation
625
mW
RθJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
C,Dec,2015


유사한 부품 번호 - 2SC1675

제조업체부품명데이터시트상세설명
logo
Micro Electronics
2SC1675 MICRO-ELECTRONICS-2SC1675 Datasheet
77Kb / 1P
   NPN SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC1675 SECOS-2SC1675 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
Foshan Blue Rocket Elec...
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
SHENZHEN KOO CHIN ELECT...
2SC1675 KOOCHIN-2SC1675 Datasheet
275Kb / 2P
   TRANSISTOR (NPN)
logo
List of Unclassifed Man...
2SC1675 ETC1-2SC1675 Datasheet
87Kb / 1P
   Japanese 2S Transistor Cross Reference
More results

유사한 설명 - 2SC1675

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com