전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2458 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SC2458
상세설명  TO-92S Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2458 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2458 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2458 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2458 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2458 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2458 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TO – 92S
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92S Plastic-Encapsulate Transistors
2SC2458
TRANSISTOR (NPN)
FEATURES
High Current Capability
High DC Current Gain
Excellent hFE Linearity
Complementary to 2SA1048
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
0.15
A
PC
Collector Power Dissipation
200
mW
RθJA
Thermal Resistance From Junction To Ambient
625
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
www.cj-elec.com
JC T
JC T
1
3
2
0$5.,1*
Equivalent Circuit
C2458 'HYLFHFRGH
;;; &RGH
ORDERING INFORMATION
Part Number
Package
Packing Method
Pack Quantity
TO-92S
Bulk
TO-92S
Tape
2SC2458
2SC2458-TA
;;;
z
F,Aug,2017
C2458
1000pcs/Bag
3000pcs/Box
Soliddot= Green molding compound device,
if none, the normal device


유사한 부품 번호 - 2SC2458

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
   Audio Amplifier Applications Low Noise Audio Amplifier Applications
logo
List of Unclassifed Man...
2SC2458 ETC1-2SC2458 Datasheet
48Kb / 1P
   TO-92 Plastic Package Transistors (NPN)
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
182Kb / 4P
   Audio Amplifier Applications
2SC2458 TOSHIBA-2SC2458 Datasheet
312Kb / 4P
   Audio Amplifier Applications
2SC2458 TOSHIBA-2SC2458 Datasheet
312Kb / 4P
   Audio Amplifier Applications
More results

유사한 설명 - 2SC2458

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
KSD1021 JIANGSU-KSD1021 Datasheet
507Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3195 JIANGSU-KTC3195 Datasheet
269Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA821S JIANGSU-2SA821S Datasheet
500Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC3311A JIANGSU-2SC3311A Datasheet
586Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC4115S JIANGSU-2SC4115S Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SD2470 JIANGSU-2SD2470 Datasheet
369Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA933AS JIANGSU-2SA933AS Datasheet
6Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SC2839 JIANGSU-2SC2839 Datasheet
805Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KSD1020 JIANGSU-KSD1020 Datasheet
486Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3199 JIANGSU-KTC3199 Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SA1267 JIANGSU-2SA1267 Datasheet
3Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com