전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81314LD18GK-133I 데이터시트(PDF) 6 Page - GSI Technology

부품명 GS81314LD18GK-133I
상세설명  Burst of 4 Multi-Bank ECCRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314LD18GK-133I 데이터시트(HTML) 6 Page - GSI Technology

Back Button GS81314LD18GK-133I Datasheet HTML 2Page - GSI Technology GS81314LD18GK-133I Datasheet HTML 3Page - GSI Technology GS81314LD18GK-133I Datasheet HTML 4Page - GSI Technology GS81314LD18GK-133I Datasheet HTML 5Page - GSI Technology GS81314LD18GK-133I Datasheet HTML 6Page - GSI Technology GS81314LD18GK-133I Datasheet HTML 7Page - GSI Technology GS81314LD18GK-133I Datasheet HTML 8Page - GSI Technology GS81314LD18GK-133I Datasheet HTML 9Page - GSI Technology GS81314LD18GK-133I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
GS81314LD18/36GK-133/120/106
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.09 5/2016
6/40
© 2014, GSI Technology
Initialization Summary
Prior to functional use, these devices must first be initialized and configured. The steps described below will ensure that the
internal logic has been properly reset, and that functional timing parameters have been configured.
Flow Chart
Power-Up
Reset SRAM
Training
Required?
Address / Control
Input Training
Read Data
Output Training
Write Data
Input Training
Normal Operation
Train
Again?
Yes
No
No
Yes
Enable PLL,
Wait for Lock
Additional
Wait for Calibrations
Configuration
Notes:
1. MZT[1:0] and PZT[1:0] mode pins are used to set the default ODT state of all
input groups at power-up, and whenever RST is asserted High. The ODT state
for each input group can be changed any time thereafter using Register Write
Mode to program certain bits in the Configuration Registers.
2. Calibrations are performed for driver impedance, ODT impedance, and the PLL
current source immediately after RST is de-asserted Low. The calibrations can
take up to 384K cycles total. See the Power-Up and Reset Requirements section
for more information.
3. The PLL can be enabled by the PLL pin, or by the PLL Enable (PLE) bit in the
Configuration Registers. See the PLL Operation section for more information.
4. If the PLE register bit is used to enable the PLL, then Register Write Mode will
likely have to be utilized in the “Asynchronous, Pre-Input Training” method in
order to change the state of the bit, since Address / Control Input Training has
not yet been performed. See the Configuration Registers section for more infor-
mation.
5. It can take up to 64K cycles for the PLL to lock after it has been enabled.
6. Special Loopback Modes are available in these devices to perform Address /
Control Input Training; they are selected and enabled via the Loopback Mode
Select (LBK[1:0]) and Loopback Mode Enable (LBKE) bits in the Configuration
Registers.
7. If Loopback Modes are used to perform Address / Control Input Training, then
Register Write Mode will likely have to be utilized in the “Asynchronous,
Pre-Input Training” method in order to change the states of the LBK[1:0] and
LBKE register bits.
8. Loopback Modes can also be used for Read Data Output Training, if desired.
See the Signal Timing Training and Loopback Mode sections for more informa-
tion.
9. “Additional Configuration” includes any other configuration changes required by
the system. Since this step is performed after Address / Control Input Training,
Register Write Mode can be utilized in the “Asynchronous, Post-Input Training”
method (or perhaps the “Synchronous” method, if the synchronous timing
requirements can be met at the particular operating frequency).
10. It is up to the system to determine if/when re-training is necessary.


유사한 부품 번호 - GS81314LD18GK-133I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314LD18GK-106 GSI-GS81314LD18GK-106 Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD18GK-106I GSI-GS81314LD18GK-106I Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
More results

유사한 설명 - GS81314LD18GK-133I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314PD36GK-106I GSI-GS81314PD36GK-106I Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD18GK-106I GSI-GS81314LD18GK-106I Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314PD18GK-106I GSI-GS81314PD18GK-106I Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD36GK-120 GSI-GS81314LD36GK-120 Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD36GK-133 GSI-GS81314LD36GK-133 Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314PD36GK-133 GSI-GS81314PD36GK-133 Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD18GK-106 GSI-GS81314LD18GK-106 Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD36GK-106 GSI-GS81314LD36GK-106 Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314PD18GK-133 GSI-GS81314PD18GK-133 Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
GS81314LQ18GK-120 GSI-GS81314LQ18GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com