전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81314LQ36GK-120I 데이터시트(PDF) 8 Page - GSI Technology

부품명 GS81314LQ36GK-120I
상세설명  Burst of 2 Multi-Bank ECCRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314LQ36GK-120I 데이터시트(HTML) 8 Page - GSI Technology

Back Button GS81314LQ36GK-120I Datasheet HTML 4Page - GSI Technology GS81314LQ36GK-120I Datasheet HTML 5Page - GSI Technology GS81314LQ36GK-120I Datasheet HTML 6Page - GSI Technology GS81314LQ36GK-120I Datasheet HTML 7Page - GSI Technology GS81314LQ36GK-120I Datasheet HTML 8Page - GSI Technology GS81314LQ36GK-120I Datasheet HTML 9Page - GSI Technology GS81314LQ36GK-120I Datasheet HTML 10Page - GSI Technology GS81314LQ36GK-120I Datasheet HTML 11Page - GSI Technology GS81314LQ36GK-120I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
GS81314LQ18/36GK-133/120/106
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.09 5/2016
8/40
© 2014, GSI Technology
PLL Operation
A PLL is implemented in these devices to control all output timing. It uses the CK input clock as a source, and is enabled when all
of the following conditions are met:
1. RST is de-asserted Low, and
2. Either the PLL Enable pin (PLL) or the PLL Enable register bit (PLE) is asserted High, and
3. CK cycle time
 t
KHKH (max), as specified in the AC Timing Specifications section.
Once enabled, the PLL requires 64K stable clock cycles in order to lock/synchronize properly.
When the PLL is enabled, it aligns output clocks and read data to input clocks (with some fixed delay), and it generates all
mid-cycle output timing. See the Output Timing section for more information.
The PLL can tolerate changes in input clock frequency due to clock jitter (i.e. such jitter will not cause the PLL to lose lock/
synchronization), provided the cycle-to-cycle jitter does not exceed 200ps (see “tKJITcc” in the AC Timing Specifications section
for more information). However, the PLL must be resynchronized (i.e. disabled and then re-enabled) whenever the nominal input
clock frequency is changed.
The PLL is disabled when any of the following conditions are met:
1. RST is asserted High, or
2. Both the PLL Enable pin (PLL) and the PLL Enable register bit (PLE) are deasserted Low, or
3. CK is stopped for at least 30ns, or CK cycle time
 30ns.
On-Chip Error Correction
These devices implement a single-error correct, single-error detect (SEC-SED) ECC algorithm (specifically, a Hamming Code) on
each 18-bit data word transmitted in DDR fashion on each 9-bit data bus (i.e., transmitted on D/Q[8:0], D/Q[17:9], D/Q[26:18],
and D/Q[35:27]). To accomplish this, 5 ECC parity bits (invisible to the user) are utilized per every 18 data bits (visible to the
user). As such, these devices actually comprise 184Mb of memory, of which 144Mb are visible to the user.
The ECC algorithm cannot detect multi-bit errors. However, these devices are architected in such a way that a single SER event
very rarely causes a multi-bit error across any given “transmitted data unit”, where a “transmitted data unit” represents the data
transmitted as the result of a single read or write operation to a particular address. The extreme rarity of multi-bit errors results in
the SER mentioned previously (i.e., <0.002 FITs/Mb, measured at sea level).
Not only does the on-chip ECC significantly improve SER performance, but it can also free up the entire memory array for data
storage. Very often SRAM applications allocate 1/9th of the memory array (i.e., one “error bit” per eight “data bits”, in any 9-bit
“data byte”) for error detection (either simple parity error detection, or system-level ECC error detection and correction).
Depending on the application, such error-bit allocation may be unnecessary in these devices, in which case the entire memory array
can be utilized for data storage, effectively providing 12.5% greater storage capacity compared to SRAMs of the same density not
equipped with on-chip ECC.


유사한 부품 번호 - GS81314LQ36GK-120I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314LQ36GK-120 GSI-GS81314LQ36GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
More results

유사한 설명 - GS81314LQ36GK-120I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314LQ18GK-120 GSI-GS81314LQ18GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-106I GSI-GS81314LQ36GK-106I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-106 GSI-GS81314PQ18GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ36GK-106 GSI-GS81314PQ36GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ18GK-133 GSI-GS81314LQ18GK-133 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-120 GSI-GS81314PQ18GK-120 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ36GK-120I GSI-GS81314PQ36GK-120I Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-120I GSI-GS81314PQ18GK-120I Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ18GK-106 GSI-GS81314LQ18GK-106 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-120 GSI-GS81314LQ36GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com