전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81314PD36GK-133 데이터시트(PDF) 1 Page - GSI Technology

부품명 GS81314PD36GK-133
상세설명  Burst of 4 Multi-Bank ECCRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314PD36GK-133 데이터시트(HTML) 1 Page - GSI Technology

  GS81314PD36GK-133 Datasheet HTML 1Page - GSI Technology GS81314PD36GK-133 Datasheet HTML 2Page - GSI Technology GS81314PD36GK-133 Datasheet HTML 3Page - GSI Technology GS81314PD36GK-133 Datasheet HTML 4Page - GSI Technology GS81314PD36GK-133 Datasheet HTML 5Page - GSI Technology GS81314PD36GK-133 Datasheet HTML 6Page - GSI Technology GS81314PD36GK-133 Datasheet HTML 7Page - GSI Technology GS81314PD36GK-133 Datasheet HTML 8Page - GSI Technology GS81314PD36GK-133 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
GS81314PD18/36GK-133/120/106
144Mb SigmaQuad-IVe™
Burst of 4 Multi-Bank ECCRAM™
Up to 1333 MHz
1.25V ~ 1.3V VDD
1.2V ~ 1.3V VDDQ
Rev: 1.09 5/2016
1/39
© 2014, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
260-Pin BGA
Com & Ind Temp
POD I/O
Features
• 4Mb x 36 and 8Mb x 18 organizations available
• Organized as 8 logical memory banks
• 1333 MHz maximum operating frequency
• 1.333 BT/s peak transaction rate (in billions per second)
• 192 Gb/s peak data bandwidth (in x36 devices)
• Separate I/O DDR Data Buses
• Non-multiplexed SDR Address Bus
• One operation - Read or Write - per clock cycle
• Certain address/bank restrictions on Read and Write ops
• Burst of 4 Read and Write operations
• 6 cycle Read Latency
• On-chip ECC with virtually zero SER
• Loopback signal timing training capability
• 1.25V ~ 1.3V nominal core voltage
• 1.2V ~ 1.3V POD I/O interface
• Configuration registers
• Configurable ODT (on-die termination)
• ZQ pin for programmable driver impedance
• ZT pin for programmable ODT impedance
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 260-pin, 14 mm x 22 mm, 1 mm ball pitch, 6/6 RoHS-
compliant BGA package
SigmaQuad-IVe™ Family Overview
SigmaQuad-IVe ECCRAMs are the Separate I/O half of the
SigmaQuad-IVe/SigmaDDR-IVe family of high performance
ECCRAMs. Although similar to GSI's third generation of
networking SRAMs (the SigmaQuad-IIIe/SigmaDDR-IIIe
family), these fourth generation devices offer several new
features that help enable significantly higher performance.
Clocking and Addressing Schemes
The GS81314PD18/36GK SigmaQuad-IVe ECCRAMs are
synchronous devices. They employ three pairs of positive and
negative input clocks; one pair of master clocks, CK and CK,
and two pairs of write data clocks, KD[1:0] and KD[1:0]. All
six input clocks are single-ended; that is, each is received by a
dedicated input buffer.
CK and CK are used to latch address and control inputs, and to
control all output timing. KD[1:0] and KD[1:0] are used solely
to latch data inputs.
Each internal read and write operation in a SigmaQuad-IVe B4
ECCRAM is four times wider than the device I/O bus. An
input data bus de-multiplexer is used to accumulate incoming
data before it is simultaneously written to the memory array.
An output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore, the address
field of a SigmaQuad-IVe B4 ECCRAM is always two address
pins less than the advertised index depth (e.g. the 8M x 18 has
2M addressable index).
On-Chip Error Correction Code
GSI's ECCRAMs implement an ECC algorithm that detects
and corrects all single-bit memory errors, including those
induced by SER events such as cosmic rays, alpha particles,
etc. The resulting Soft Error Rate of these devices is
anticipated to be <0.002 FITs/Mb — a 5-order-of-magnitude
improvement over comparable SRAMs with no on-chip ECC,
which typically have an SER of 200 FITs/Mb or more.
All quoted SER values are at sea level in New York City.
Parameter Synopsis
Speed Grade
Max Operating Frequency
Read Latency
VDD
-133
1333 MHz
6 cycles
1.2V to 1.35V
-120
1200 MHz
6 cycles
1.2V to 1.35V
-106
1066 MHz
6 cycles
1.2V to 1.35V


유사한 부품 번호 - GS81314PD36GK-133

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314PD36GK-106I GSI-GS81314PD36GK-106I Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
More results

유사한 설명 - GS81314PD36GK-133

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81314PD36GK-106I GSI-GS81314PD36GK-106I Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD18GK-106I GSI-GS81314LD18GK-106I Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314PD18GK-106I GSI-GS81314PD18GK-106I Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD36GK-120 GSI-GS81314LD36GK-120 Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD36GK-133 GSI-GS81314LD36GK-133 Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD18GK-106 GSI-GS81314LD18GK-106 Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD18GK-133I GSI-GS81314LD18GK-133I Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314LD36GK-106 GSI-GS81314LD36GK-106 Datasheet
496Kb / 40P
   Burst of 4 Multi-Bank ECCRAM
GS81314PD18GK-133 GSI-GS81314PD18GK-133 Datasheet
496Kb / 39P
   Burst of 4 Multi-Bank ECCRAM
GS81314LQ18GK-120 GSI-GS81314LQ18GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com