전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VJ0612 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 VJ0612
상세설명  Multilayer Ceramic Chip Capacitors LowInductance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0612 데이터시트(HTML) 2 Page - Vishay Siliconix

  VJ0612 Datasheet HTML 1Page - Vishay Siliconix VJ0612 Datasheet HTML 2Page - Vishay Siliconix VJ0612 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions contact MLCC@vishay.com
Document Number 45010
40
Revision 10-Sep-04
VJ0612
Vishay Vitramon
Multilayer Ceramic Chip Capacitors
Low Inductance
CAPACITANCE VS VOLTAGE
CAPACITANCE
CODE
CAPACITANCE
VJ0612
VOLTAGE (Vdc)
VOLTAGE (Vdc)
VOLTAGE (Vdc)
16
25
50
822
8200 pF
103
0.010 µF
123
0.012 µF
153
0.015 µF
183
0.018 µF
223
0.022 µF
273
0.027 µF
333
0.033 µF
393
0.039 µF
473
0.047 µF
563
0.056 µF
683
0.068 µF
823
0.082 µF
104
0.10 µF
124
0.12 µF
154
0.15 µF
184
0.18 µF
224
0.22 µF
274
0.27 µF
334
0.33 µF


유사한 부품 번호 - VJ0612

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VJ0612 VISHAY-VJ0612 Datasheet
66Kb / 1P
   Multilayer Ceramic Chip Capacitors
Revision 06-Apr-01
VJ0612 VISHAY-VJ0612 Datasheet
97Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Low Inductance
02-Oct-12
More results

유사한 설명 - VJ0612

제조업체부품명데이터시트상세설명
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com