전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS82583ED18GK-625 데이터시트(PDF) 1 Page - GSI Technology

부품명 GS82583ED18GK-625
상세설명  8Mb x 36 and 16Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82583ED18GK-625 데이터시트(HTML) 1 Page - GSI Technology

  GS82583ED18GK-625 Datasheet HTML 1Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 2Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 3Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 4Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 5Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 6Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 7Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 8Page - GSI Technology GS82583ED18GK-625 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
GS82583ED18/36GK-675/625/550/500
288Mb SigmaQuad-IIIe™
Burst of 4 SRAM
Up to 675 MHz
1.3V VDD
1.2V, 1.3V, or 1.5V VDDQ
Rev: 1.06 8/2017
1/26
© 2014, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
260-Pin BGA
Commercial Temp
Industrial Temp
Features
• 8Mb x 36 and 16Mb x 18 organizations available
• 675 MHz maximum operating frequency
• 675 MT/s peak transaction rate (in millions per second)
• 97 Gb/s peak data bandwidth (in x36 devices)
• Separate I/O DDR Data Buses
• Non-multiplexed SDR Address Bus
• One operation - Read or Write - per clock cycle
• Burst of 4 Read and Write operations
• 3 cycle Read Latency
• 1.3V nominal core voltage
• 1.2V, 1.3V, or 1.5V HSTL I/O interface
• Configurable ODT (on-die termination)
• ZQ pin for programmable driver impedance
• ZT pin for programmable ODT impedance
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 260-pin, 14 mm x 22 mm, 1 mm ball pitch, 6/6 RoHS-
compliant BGA package
SigmaQuad-IIIe™ Family Overview
SigmaQuad-IIIe SRAMs are the Separate I/O half of the
SigmaQuad-IIIe/SigmaDDR-IIIe family of high performance
SRAMs. Although very similar to GSI's second generation of
networking SRAMs (the SigmaQuad-II/SigmaDDR-II family),
these third generation devices offer several new features that
help enable significantly higher performance.
Clocking and Addressing Schemes
The GS82583ED18/36GK SigmaQuad-IIIe SRAMs are
synchronous devices. They employ three pairs of positive and
negative input clocks; one pair of master clocks, CK and CK,
and two pairs of write data clocks, KD[1:0] and KD[1:0]. All
six input clocks are single-ended; that is, each is received by a
dedicated input buffer.
CK and CK are used to latch address and control inputs, and to
control all output timing. KD[1:0] and KD[1:0] are used solely
to latch data inputs.
Each internal read and write operation in a SigmaQuad-IIIe B4
SRAM is four times wider than the device I/O bus. An input
data bus de-multiplexer is used to accumulate incoming data
before it is simultaneously written to the memory array. An
output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore, the address
field of a SigmaQuad-IIIe B4 SRAM is always two address
pins less than the advertised index depth (e.g. the 16M x 18 has
4M addressable index).
Parameter Synopsis
Speed Grade
Max Operating Frequency
Read Latency
VDD
-675
675 MHz
3 cycles
1.25V to 1.35V
-625
625 MHz
3 cycles
1.25V to 1.35V
-550
550 MHz
3 cycles
1.25V to 1.35V
-500
500 MHz
3 cycles
1.25V to 1.35V


유사한 부품 번호 - GS82583ED18GK-625

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS82583ED18GK-625I GSI-GS82583ED18GK-625I Datasheet
201Kb / 27P
   288Mb SigmaQuad-IIIe??Burst of 4 SRAM
More results

유사한 설명 - GS82583ED18GK-625

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550I GSI-GS82583ED18GK-550I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675 GSI-GS82583ED18GK-675 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400 GSI-GS82583EQ18GK-400 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550 GSI-GS82583ED18GK-550 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675I GSI-GS82583ED18GK-675I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-450 GSI-GS82583EQ18GK-450 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com