전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1767 데이터시트(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SD1767
상세설명  SOT-89-3L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1767 데이터시트(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1767 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1767 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1767 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1767 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SOT-89-3L Tape and Reel
www.cj-elec.com
4
C,Nov,2015


유사한 부품 번호 - 2SD1767

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1767 ROHM-2SD1767 Datasheet
71Kb / 3P
   Medium power transistor (80V, 0.7A)
2SD1767 ROHM-2SD1767 Datasheet
42Kb / 1P
   MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
2SD1767 ETC1-2SD1767 Datasheet
38Kb / 1P
   MEDIUM POWER TRANSISTOR(-80V, -0.7A)
logo
Guangdong Kexin Industr...
2SD1767 KEXIN-2SD1767 Datasheet
50Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1767 SECOS-2SD1767 Datasheet
77Kb / 1P
   0.7A , 80V NPN Plastic Encapsulated Transistor
More results

유사한 설명 - 2SD1767

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com