전자부품 데이터시트 검색엔진 |
|
2SD1819A 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd |
|
2SD1819A 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd |
1 / 3 page JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD SOT-323 Plastic-Encapsulate Transistors 2SD1819A TRANSISTOR (NPN) FEATURES High DC Current Gain Complementary to 2SB1218A Low Collector to Emitter Saturation Voltage APPLICATIONS General Purpose Amplification MAXIMUM RATINGS (Ta=25℃ unless otherwise noted) Symbol Parameter Value Unit VCBO Collector-Base Voltage 60 V VCEO Collector-Emitter Voltage 50 V VEBO Emitter-Base Voltage 7 V IC Collector Current 100 mA PC Collector Power Dissipation 150 mW RΘJA Thermal Resistance From Junction To Ambient 833 ℃/W Tj Junction Temperature 150 ℃ Tstg Storage Temperature -55~+150 ℃ ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified) Parameter Symbol Test conditions Min Typ Max Unit Collector-base breakdown voltage V(BR)CBO IC=10µA, IE=0 60 V Collector-emitter breakdown voltage V(BR)CEO IC=2mA, IB=0 50 V Emitter-base breakdown voltage V(BR)EBO IE=10µA, IC=0 7 V Collector cut-off current ICBO VCB=20V, IE=0 0.1 µA Collector cut-off current ICEO VCE=10V, IB=0 100 µA Emitter cut-off current IEBO VEB=7V, IC=0 0.1 µA hFE(1) VCE=10V, IC=2mA 160 460 DC current gain hFE(2) VCE=2V, IC=0.1A 90 Collector-emitter saturation voltage VCE(sat) IC=100mA, IB=10mA 0.3 V Transition frequency fT VCE=10V,IC=2mA , f=200MHz 150 MHz Collector output capacitance Cob VCB=10V, IE=0, f=1MHz 3.5 pF CLASSIFICATION OF hFE(1) RANK Q R S RANGE 160–260 210–340 290–460 MARKING ZQ ZR ZS SOT–323 1. BASE 2. EMITTER 3. COLLECTOR JC T www.cj-elec.com 1 A,Jun,2014 www.cj-elec.com B,Sep,2014 |
유사한 부품 번호 - 2SD1819A |
|
유사한 설명 - 2SD1819A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |