전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1835 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SD1835
상세설명  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1835 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1835 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1835 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1835 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1835 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SD1835
TRANSISTOR (NPN)
FEATURES
Large Current Capacity.
Low Collector-to-emitter Saturation Voltage.
Fast Switching Time.
APPLICATIONS
Voltage Regulators, Relay Drivers, Lamp Drivers,
Electrical Equipment.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.01mA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.01mA,IC=0
6
V
Collector cut-off current
ICBO
VCB=50V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.1
μA
hFE(1)
VCE=2V, IC=100mA
100
560
DC current gain
hFE(2)
VCE=2V, IC=1.5A
40
Collector-emitter saturation voltage
VCE(sat)
IC=1A,IB=50mA
0.4
V
Base-emitter saturation voltage
VBE (sat)
IC=1A,IB=50mA
1.2
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
12
pF
Transition frequency
fT
VCE=10V,IC=50mA
150
MHz
CLASSIFICATION OF hFE(1)
RANK
R
S
T
U
RANGE
100-200
140-280
200-400
280-560
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
2
A
PC
Collector Power Dissipation
750
mW
RθJA
Thermal Resistance From Junction To Ambient
166
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
D,Dec,2016


유사한 부품 번호 - 2SD1835

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SD1835 SANYO-2SD1835 Datasheet
120Kb / 4P
   High-Current Switching Applications
2SD1835 SANYO-2SD1835 Datasheet
115Kb / 5P
   Driver Applications
2SD1835 SANYO-2SD1835 Datasheet
53Kb / 5P
   Driver Applications
logo
ON Semiconductor
2SD1835 ONSEMI-2SD1835 Datasheet
387Kb / 7P
   Bipolar Transistor
September, 2013
logo
Micro Commercial Compon...
2SD1835 MCC-2SD1835 Datasheet
213Kb / 2P
   NPN Encapsulate Transistors
More results

유사한 설명 - 2SD1835

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com