전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL1401R 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 TSL1401R
상세설명  128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TSL1401R 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TSL1401R Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL1401R Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL1401R Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL1401R Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL1401R Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL1401R Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL1401R Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL1401R Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL1401R Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TSL1401R
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS035B – AUGUST 2002
7
The
LUMENOLOGY
r Company
t
t
Copyright
E 2002, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 7
SETTLING TIME
vs.
LOAD
RL — Load Resistance – W
0
200
400
600
800
1000
0
100
200
300
400
500
600
VDD = 3 V
Vout = 1 V
470 pF
220 pF
100 pF
10 pF
Figure 8
SETTLING TIME
vs.
LOAD
RL — Load Resistance – W
0
200
400
600
800
1000
0
100
200
300
400
500
600
VDD = 5 V
Vout = 1 V
470 pF
220 pF
100 pF
10 pF


유사한 부품 번호 - TSL1401R

제조업체부품명데이터시트상세설명
logo
TEXAS ADVANCED OPTOELEC...
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results

유사한 설명 - TSL1401R

제조업체부품명데이터시트상세설명
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSLW1401R TAOS-TSLW1401R Datasheet
125Kb / 10P
   EXTENDED TEMPERATURE 128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CS ETC-TSL1401CS Datasheet
169Kb / 14P
   128 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL401 TI-TSL401 Datasheet
105Kb / 7P
[Old version datasheet]   128 횞 1 LINEAR SENSOR ARRAY
logo
TEXAS ADVANCED OPTOELEC...
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
   1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1410R TAOS-TSL1410R Datasheet
205Kb / 12P
   1280 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R TAOS-TSL1402R Datasheet
226Kb / 14P
   256 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com