전자부품 데이터시트 검색엔진 |
|
UA741CDR 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
UA741CDR 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 19 page µA741, µA741Y GENERAL-PURPOSE OPERATIONAL AMPLIFIERS SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST TA† µA741C µA741I, µA741M UNIT PARAMETER CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VO =0 25 °C 1 6 1 5 mV VIO Input offset voltage VO = 0 Full range 7.5 6 mV ∆VIO(adj) Offset voltage adjust range VO = 0 25 °C ±15 ±15 mV IIO Input offset current VO =0 25 °C 20 200 20 200 nA IIO Input offset current VO = 0 Full range 300 500 nA IIB Input bias current VO =0 25 °C 80 500 80 500 nA IIB Input bias current VO = 0 Full range 800 1500 nA VICR Common-mode input 25 °C ±12 ±13 ±12 ±13 V VICR voltage range Full range ±12 ±12 V RL = 10 kΩ 25 °C ±12 ±14 ±12 ±14 VOM Maximum peak output RL ≥ 10 kΩ Full range ±12 ±12 V VOM voltage swing RL = 2 kΩ 25 °C ±10 ±13 ±10 ±13 V RL ≥ 2 kΩ Full range ±10 ±10 AVD Large-signal differential RL ≥ 2 kΩ 25 °C 20 200 50 200 V/mV AVD gg voltage amplification VO = ±10 V Full range 15 25 V/mV ri Input resistance 25 °C 0.3 2 0.3 2 M Ω ro Output resistance VO = 0, See Note 5 25 °C 75 75 Ω Ci Input capacitance 25 °C 1.4 1.4 pF CMRR Common-mode rejection VIC =VICRmin 25 °C 70 90 70 90 dB CMRR j ratio VIC = VICRmin Full range 70 70 dB kSVS Supply voltage sensitivity VCC = ± 9Vto ± 15 V 25 °C 30 150 30 150 µV/V kSVS yg y ( ∆VIO/∆VCC) VCC = ± 9 V to ± 15 V Full range 150 150 µV/V IOS Short-circuit output current 25 °C ±25 ±40 ±25 ±40 mA ICC Supply current VO =0 No load 25 °C 1.7 2.8 1.7 2.8 mA ICC Supply current VO = 0, No load Full range 3.3 3.3 mA PD Total power dissipation VO =0 No load 25 °C 50 85 50 85 mW PD Total power dissipation VO = 0, No load Full range 100 100 mW † All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Full range for the µA741C is 0°C to 70°C, the µA741I is –40°C to 85°C, and the µA741M is –55°C to 125°C. NOTE 5: This typical value applies only at frequencies above a few hundred hertz because of the effects of drift and thermal feedback. operating characteristics, VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS µA741C µA741I, µA741M UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT tr Rise time VI = 20 mV, RL = 2 kΩ, 0.3 0.3 µs Overshoot factor I , CL = 100 pF, L , See Figure 1 5% 5% SR Slew rate at unity gain VI = 10 V, CL = 100 pF, RL = 2 kΩ, See Figure 1 0.5 0.5 V/ µs |
유사한 부품 번호 - UA741CDR |
|
유사한 설명 - UA741CDR |