전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N137 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 6N137
상세설명  High Speed Optocoupler, Single and Dual, 10 MBd
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137 데이터시트(HTML) 7 Page - Vishay Siliconix

Back Button 6N137 Datasheet HTML 3Page - Vishay Siliconix 6N137 Datasheet HTML 4Page - Vishay Siliconix 6N137 Datasheet HTML 5Page - Vishay Siliconix 6N137 Datasheet HTML 6Page - Vishay Siliconix 6N137 Datasheet HTML 7Page - Vishay Siliconix 6N137 Datasheet HTML 8Page - Vishay Siliconix 6N137 Datasheet HTML 9Page - Vishay Siliconix 6N137 Datasheet HTML 10Page - Vishay Siliconix 6N137 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 27-Sep-16
7
Document Number: 84732
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 10 - Forward Voltage vs. Ambient Temperature
Fig. 11 - Forward Voltage vs. Forward Current
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55 / 100 / 21
Pollution degree
According to DIN VDE 0109
2
Comparative tracking index
Insulation group IIIa
CTI
175
Maximum rated withstanding isolation voltage
According to UL1577, t = 1 min
VISO
5300
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5
VIORM
890
Vpeak
Isolation resistance
Tamb = 25 °C, VIO = 500 V
RIO
≥ 1012
Ω
Tamb = 100 °C, VIO = 500 V
RIO
≥ 1011
Ω
Output safety power
PSO
500
mW
Input safety current
ISI
300
mA
Input safety temperature
TS
175
°C
Creepage distance
DIP-8
≥ 7mm
Clearance distance
≥ 7mm
Creepage distance
DIP-8, 400 mil (option 6)
≥ 8mm
Clearance distance
≥ 8mm
Creepage distance
SMD-8 (option 7)
≥ 8mm
Clearance distance
≥ 8mm
Creepage distance
SMD-8 (option 9)
≥ 8mm
Clearance distance
≥ 8mm
Insulation thickness
DTI
≥ 0.4
mm
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
T
amb - Ambient Temperature (°C)
I
F = 10 mA
I
F = 20 mA
I
F = 1 mA
-40
-20
0
20
40
60
80
100
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
010 15 20 25 30 35 40 45 50
I
F - Forward Current (mA)
17611
5


유사한 부품 번호 - 6N137

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
6N137 TOSHIBA-6N137 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
More results

유사한 설명 - 6N137

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com