전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1271 데이터시트(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 KTA1271
상세설명  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA1271 데이터시트(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA1271 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1271 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1271 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1271 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1271 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cj-elec.com

($XJ
(/(&75,&$/&+$5$&7(5,67,&6
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA ,IE=0
-35
V
Collector-emitter breakdown voltage
V(BR) CEO
IC=-10mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V,IE=0
-0.1
A
Collector cut-off current
ICEO
VCE=-25V,IB=0
-0.2
A
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
A
hFE(1)
VCE=-1V, IC=-100mA
100
320
DC current gain
hFE(2)
VCE=-1V, IC=-700mA
35
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-20mA
-0.7
V
Base-emitter voltage
VBE
VCE=-1V, IC=-10mA
-0.8V
Transition frequency
fT
VCE=-5V,IC=-10mA
120
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
19
pF
CLASSIFICATION OF hFE(1)
RANK
O
Y
RANGE
100-200
160-320
a
T =25
unless otherwise specified


유사한 부품 번호 - KTA1271

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1271 KEC-KTA1271 Datasheet
230Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1271 KEC-KTA1271 Datasheet
20Kb / 1P
   TO-92 PACKAGE
logo
Tiger Electronic Co.,Lt...
KTA1271 TGS-KTA1271 Datasheet
102Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (PNP)
logo
KEC(Korea Electronics)
KTA1271 KEC-KTA1271 Datasheet
74Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTA1271 FOSHAN-KTA1271 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

유사한 설명 - KTA1271

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com