전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP882J-GR 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 BCP882J-GR
상세설명  3A , 40V P Plastic-Encapsulate Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP882J-GR 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BCP882J-GR Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP882J-GR Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
BCP882J
3A , 40V
P
Plastic-Encapsulate Transistor
14-Jul-2016 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


유사한 부품 번호 - BCP882J-GR

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
   Epitaxial Planar Transistor
BCP882H SECOS-BCP882H Datasheet
395Kb / 2P
   3A , 70 V NPN Plastic-Encapsulate Transistor
BCP882H-Y SECOS-BCP882H-Y Datasheet
395Kb / 2P
   3A , 70 V NPN Plastic-Encapsulate Transistor
BCP882H SECOS-BCP882H_15 Datasheet
84Kb / 1P
   NPN Plastic-Encapsulate Transistor
BCP882 SECOS-BCP882_15 Datasheet
357Kb / 2P
   NPN Silicon
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com