전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA10930-BOOM-M 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 CA10930-BOOM-M
상세설명  Boom series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10930-BOOM-M 데이터시트(HTML) 1 Page - Ledil, Inc.

  CA10930-BOOM-M Datasheet HTML 1Page - Ledil, Inc. CA10930-BOOM-M Datasheet HTML 2Page - Ledil, Inc. CA10930-BOOM-M Datasheet HTML 3Page - Ledil, Inc. CA10930-BOOM-M Datasheet HTML 4Page - Ledil, Inc. CA10930-BOOM-M Datasheet HTML 5Page - Ledil, Inc. CA10930-BOOM-M Datasheet HTML 6Page - Ledil, Inc. CA10930-BOOM-M Datasheet HTML 7Page - Ledil, Inc. CA10930-BOOM-M Datasheet HTML 8Page - Ledil, Inc. CA10930-BOOM-M Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRODUCT DATASHEET
Boom series
last update 8/2/2017
DETAILS
Product Number
CA10930_BOOM-M
Family
Boom
Type
RefAssy
Color
metal
Diameter
22,2 mm
Height
14,34 mm
Style
hexag
Optic Material
Holder Material
Fastening
glue, tape
Status
production ready
ROHS Comliant
Yes
Date Updated
8/02/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MHD-E/G
34 deg
Medium
82 %
1.700
-
MHB-A/B
31 deg
Medium
82 %
2.230
-
LUXEON M/MX
30 deg
Medium
79 %
2.240
-
LUXEON MZ
20 deg
Medium
75 %
4.000
-
NFMW48xA
23 deg
Medium
80 %
3.100
-
Duris S10
28 deg
Medium
74 %
2.500
-
Duris P10
sim: 25
Medium
sim: 85 % sim: 3.320 -
P7
33 deg
Medium
-
1.860
-
September 21st 2017 7:28 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA10930-BOOM-M

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA10930 CREE-CA10930 Datasheet
745Kb / 13P
   Boom series
logo
Ledil, Inc.
CA10930 LEDIL-CA10930 Datasheet
745Kb / 13P
   CA10930_BOOM-M
CA10930 LEDIL-CA10930 Datasheet
452Kb / 9P
   Boom RefAssy
More results

유사한 설명 - CA10930-BOOM-M

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA10715 CREE-CA10715 Datasheet
452Kb / 9P
   Boom series
CA10716 CREE-CA10716 Datasheet
291Kb / 5P
   Boom series
logo
Ledil, Inc.
CA10715-BOOM-S LEDIL-CA10715-BOOM-S Datasheet
452Kb / 9P
   Boom series
logo
Cree, Inc
CA10930 CREE-CA10930 Datasheet
745Kb / 13P
   Boom series
logo
Ledil, Inc.
CA10716-BOOM-S LEDIL-CA10716-BOOM-S Datasheet
291Kb / 5P
   Boom series
CA10928-BOOM-M LEDIL-CA10928-BOOM-M Datasheet
257Kb / 4P
   Boom series
CA10931-BOOM-W LEDIL-CA10931-BOOM-W Datasheet
423Kb / 10P
   Boom series
logo
Cree, Inc
CA10929 CREE-CA10929 Datasheet
366Kb / 6P
   Boom series
CA10928 CREE-CA10928 Datasheet
257Kb / 4P
   Boom series
CA12957 CREE-CA12957 Datasheet
123Kb / 4P
   Boom series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com