전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZT2907A 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 PZT2907A
상세설명  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZT2907A 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZT2907A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT2907A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT2907A Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT2907A Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-223 Plastic-Encapsulate Transistors
PZT2907A
TRANSISTOR (PNP)
FEATURES
Epitaxial planar die construction
Complementary PNP Type available(PZT2222A)
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.6
A
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55
~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-10
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-50
nA
hFE(1)
VCE=-10V,IC=-0.1mA
75
hFE(2)
VCE=-10V,IC=-1mA
100
hFE(3)
VCE=-10V,IC=-10mA
100
hFE(4)
VCE=-10V,IC=-150mA
100
300
DC current gain
hFE(5)
VCE=-10V,IC=-500mA
50
VCE(sat)
IC=-150mA,IB=-15mA
-0.4
V
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-1.6
V
VBE(sat)
IC=-150mA,IB=-15mA
-1.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA,IB=-50mA
-2.6
V
Transition frequency
fT
VCE=-20V,IC=-50mA,f=100MHz
200
MHz
Collector
capacitance
Cc
VCB=-10V,IE=0,f=1MHz
8
pF
Emitter capacitance
CE
VEB=-2V,IC=0,f=1MHz
30
pF
Delay time
td
12
n
s
Rise time
tr
30
n
s
Storage time
tS
300
n
s
Fall time
tf
IC=-150mA IB1=- IB2=- 15mA
65
n
s
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
MARKING:
Solid dot = Green molding compound device,
if none,the normal device.
www.cj-elec.com
1
D,Jan,2017


유사한 부품 번호 - PZT2907A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
PZT2907A MOTOROLA-PZT2907A Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
Fairchild Semiconductor
PZT2907A FAIRCHILD-PZT2907A Datasheet
685Kb / 11P
   PN2907A / MMBT2907A / PZT2907A 60 V PNP General Purpose Transistor
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
SHENZHEN YONGERJIA INDU...
PZT2907A WINNERJOIN-PZT2907A Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
PZT2907A PHILIPS-PZT2907A Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 14
More results

유사한 설명 - PZT2907A

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com