전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S9013 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 S9013
상세설명  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

S9013 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  S9013 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9013 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9013 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9013 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
S9013
TRANSISTOR (NPN)
FEATURES
High Collector Current.
Complementary to S9012.
Excellent hFE Linearity.
MARKING: J3
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
300
mW
RΘJA
Thermal Resistance From Junction To Ambient
416
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=0.1mA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
uA
Collector cut-off current
ICEO
VCE=20V, IB=0
0.1
uA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
uA
hFE(1)
VCE=1V, IC=50mA
120
400
DC current gain
hFE(2)
VCE=1V, IC=500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA, IB=50mA
1.2
V
Base-emitter voltage
VBE
VCB=1V,IC=10mA,
0.7
V
Transition frequency
fT
VCE=6V,IC=20mA, f=30MHz
150
MHz
Collector output capacitance
Cob
VCB=6V, IE=0, f=1MHz
8
pF
CLASSIFICATION OF
hFE(1)
RANK
L
H
J
RANGE
120-200
200-350
300-400
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
C,Oct,2014
JC T


유사한 부품 번호 - S9013

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
S9013 FAIRCHILD-S9013 Datasheet
40Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
GUANGDONG HOTTECH INDUS...
S9013 HOTTECH-S9013 Datasheet
167Kb / 2P
   Plastic-Encapsulate Transistors
logo
Shanghai Leiditech Elec...
S9013 LEIDITECH-S9013 Datasheet
588Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
AUK corp
S9013 AUK-S9013 Datasheet
87Kb / 3P
   NPN Silicon Transistor
logo
SUNMATE electronic Co.,...
S9013 SUNMATE-S9013 Datasheet
752Kb / 3P
   NPN SILICON EPITAXIAL PLANAR TRANSISTOR
More results

유사한 설명 - S9013

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com