전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD123S 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 STD123S
상세설명  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

STD123S 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  STD123S Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd STD123S Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd STD123S Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd STD123S Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
STD123S
TRANSISTOR (NPN)
FEATURES
Low saturation medium current application
Extremely low collector saturation voltage
Suitable for low voltage large current drivers
High DC current gain and large current capability
Low on resistance : RON=0.6Ω(Max.) (IB=1mA)
Marking:123
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V (BR) CBO
IC=50μA, IE=0
20
V
Collector-emitter breakdown voltage
V (BR) CEO
IC =1mA, IB=0
15
V
Emitter-base breakdown voltage
V (BR) EBO
IE= 50μA, IC=0
6.5
V
Collector cut-off current
ICBO
VCB= 20 V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 6V, IC=0
0.1
μA
DC current gain
hFE
VCE=1V, IC= 100mA
150
Collector-emitter saturation voltage
VCE (sat)
IC=500mA, IB= 50mA
0.3
V
Transition frequency
fT
VCE=5V, IC=50mA
260
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
5
pF
On resistance
RON
f=1KHz,IB=1mA,
VIN=0.3V
0.6
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
C,Oct,2014
JC T
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
6.5
V
IC
Collector Current
1
A
PC
Collector Power Dissipation
350
mW
RΘJA
Thermal Resistance From Junction To Ambient
357
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150


유사한 부품 번호 - STD123S

제조업체부품명데이터시트상세설명
logo
AUK corp
STD123S AUK-STD123S Datasheet
70Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STD123S KODENSHI-STD123S Datasheet
252Kb / 4P
   NPN Silicon Transistor
logo
Shenzhen Jin Yu Semicon...
STD123S HTSEMI-STD123S Datasheet
944Kb / 2P
   TRANSISTOR(NPN)
logo
KODENSHI_AUK CORP.
STD123S KODENSHI-STD123S Datasheet
252Kb / 4P
   NPN Silicon Transistor
logo
Nanjing International G...
STD123S DGNJDZ-STD123S Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results

유사한 설명 - STD123S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com