전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RGT40NL65D 데이터시트(PDF) 10 Page - Rohm

부품명 RGT40NL65D
상세설명  650V 20A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RGT40NL65D 데이터시트(HTML) 10 Page - Rohm

Back Button RGT40NL65D Datasheet HTML 5Page - Rohm RGT40NL65D Datasheet HTML 6Page - Rohm RGT40NL65D Datasheet HTML 7Page - Rohm RGT40NL65D Datasheet HTML 8Page - Rohm RGT40NL65D Datasheet HTML 9Page - Rohm RGT40NL65D Datasheet HTML 10Page - Rohm RGT40NL65D Datasheet HTML 11Page - Rohm RGT40NL65D Datasheet HTML 12Page - Rohm RGT40NL65D Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
Datasheet
RGT40NL65D
Electrical Characteristic Curves
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
D= 0.5
0.2
0.1
0.01
0.02
0.05
Single Pulse
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
D= 0.5
0.2
0.1
0.01
0.02
0.05
Single Pulse
Fig.21 IGBT Transient Thermal Impedance
Pulse Width : t1[s]
Fig.22 Diode Transient Thermal Impedance
Pulse Width : t1[s]
t1
t2
PDM
Duty=t1/t2
Peak Tj=PDM×ZthJCTC
t1
t2
PDM
Duty=t1/t2
Peak Tj=PDM×ZthJCTC
10/11
2017.05 - Rev.A


유사한 부품 번호 - RGT40NL65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
   650V 20A Field Stop Trench IGBT
More results

유사한 설명 - RGT40NL65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
   650V 20A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
   650V 20A Field Stop Trench IGBT
RGTH40TS65D ROHM-RGTH40TS65D Datasheet
729Kb / 12P
   650V 20A Field Stop Trench IGBT
RGTH40TK65D ROHM-RGTH40TK65D Datasheet
880Kb / 13P
   650V 20A Field Stop Trench IGBT
RGT40TM65D ROHM-RGT40TM65D Datasheet
1Mb / 13P
   650V 20A Field Stop Trench IGBT
RGTH40TK65 ROHM-RGTH40TK65 Datasheet
738Kb / 11P
   650V 20A Field Stop Trench IGBT
RGTH40TS65 ROHM-RGTH40TS65 Datasheet
617Kb / 10P
   650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com