전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RGT50NL65D 데이터시트(PDF) 1 Page - Rohm

부품명 RGT50NL65D
상세설명  650V 25A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RGT50NL65D 데이터시트(HTML) 1 Page - Rohm

  RGT50NL65D Datasheet HTML 1Page - Rohm RGT50NL65D Datasheet HTML 2Page - Rohm RGT50NL65D Datasheet HTML 3Page - Rohm RGT50NL65D Datasheet HTML 4Page - Rohm RGT50NL65D Datasheet HTML 5Page - Rohm RGT50NL65D Datasheet HTML 6Page - Rohm RGT50NL65D Datasheet HTML 7Page - Rohm RGT50NL65D Datasheet HTML 8Page - Rohm RGT50NL65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
Datasheet
RGT50NL65D
650V 25A Field Stop Trench IGBT
*1 Pulse width limited by Tjmax.
Collector Current
TC = 25°C
IC
48
A
TC = 100°C
IC
25
A
Collector - Emitter Voltage
VCES
650
V
Gate - Emitter Voltage
VGES
30
V
Absolute Maximum Ratings
(at TC = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Welder
Packing Code
TL
Marking
RGT50NL65D
5) Pb - free Lead Plating ; RoHS Compliant
Packaging Specifications
Applications
Type
Packaging
Taping
General Inverter
Reel Size (mm)
330
UPS
Tape Width (mm)
24
Power Conditioner
Basic Ordering Unit (pcs)
1,000
Features
Inner Circuit
1) Low Collector - Emitter Saturation Voltage
2) Low Switching Loss
3) Short Circuit Withstand Time 5μs
4) Built in Very Fast & Soft Recovery FRD
(RFN - Series)
Outline
VCES
650V
LPDL (TO-263L)
IC(100°C)
25A
VCE(sat) (Typ.)
1.65V
PD
194W
75
A
Diode Forward Current
TC = 25°C
IF
35
A
TC = 100°C
IF
20
A
Pulsed Collector Current
ICP
*1
Diode Pulsed Forward Current
IFP
*1
75
A
Power Dissipation
TC = 25°C
PD
194
W
TC = 100°C
PD
97
W
Operating Junction Temperature
Tj
40 to +175
°C
Storage Temperature
Tstg
55 to +175
°C
(1) Gate
(2) Collector
(3) Emitter
*1
*1 Built in FRD
(1)
(2)
(3)
(1)
(2)
(3)
1/11
2017.05 - Rev.A


유사한 부품 번호 - RGT50NL65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGT50NS65D ROHM-RGT50NS65D Datasheet
743Kb / 12P
   650V 25A Field Stop Trench IGBT
2016.01 - Rev.A
More results

유사한 설명 - RGT50NL65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGTH50TK65 ROHM-RGTH50TK65 Datasheet
740Kb / 11P
   650V 25A Field Stop Trench IGBT
RGTH50TK65D ROHM-RGTH50TK65D Datasheet
882Kb / 13P
   650V 25A Field Stop Trench IGBT
RGT50TS65D ROHM-RGT50TS65D Datasheet
735Kb / 12P
   650V 25A Field Stop Trench IGBT
RGT50TM65D ROHM-RGT50TM65D Datasheet
1Mb / 13P
   650V 25A Field Stop Trench IGBT
RGTH50TS65 ROHM-RGTH50TS65 Datasheet
682Kb / 10P
   650V 25A Field Stop Trench IGBT
RGTH50TS65D ROHM-RGTH50TS65D Datasheet
731Kb / 12P
   650V 25A Field Stop Trench IGBT
RGT50NS65D ROHM-RGT50NS65D Datasheet
743Kb / 12P
   650V 25A Field Stop Trench IGBT
2016.01 - Rev.A
logo
Shenzhen Huazhimei Semi...
HM25N135FT HMSEMI-HM25N135FT Datasheet
752Kb / 9P
   1350V /25A Trench Field Stop IGBT
logo
Fairchild Semiconductor
FGH25N120FTDS FAIRCHILD-FGH25N120FTDS Datasheet
711Kb / 9P
   1200V, 25A Field Stop Trench IGBT
FGA25N120FTD FAIRCHILD-FGA25N120FTD Datasheet
815Kb / 9P
   1200V, 25A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com