전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RGTH00TK65D 데이터시트(PDF) 5 Page - Rohm

부품명 RGTH00TK65D
상세설명  650V 50A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RGTH00TK65D 데이터시트(HTML) 5 Page - Rohm

  RGTH00TK65D Datasheet HTML 1Page - Rohm RGTH00TK65D Datasheet HTML 2Page - Rohm RGTH00TK65D Datasheet HTML 3Page - Rohm RGTH00TK65D Datasheet HTML 4Page - Rohm RGTH00TK65D Datasheet HTML 5Page - Rohm RGTH00TK65D Datasheet HTML 6Page - Rohm RGTH00TK65D Datasheet HTML 7Page - Rohm RGTH00TK65D Datasheet HTML 8Page - Rohm RGTH00TK65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH00TK65D
lElectrical Characteristic Curves
 
Fig.2 Collector Current vs. Case Temperature
Case Temperature : T
C [ºC]
Fig.3 Forward Bias Safe Operating Area
Collector To Emitter Voltage : V
CE[V]
Fig.4 Reverse Bias Safe Operating Area
Collector To Emitter Voltage : V
CE[V]
Fig.1 Power Dissipation vs. Case Temperature
Case Temperature : T
C [ºC]
0
10
20
30
40
50
60
70
80
90
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
160
180
200
220
240
0
200
400
600
800
T
j≦175ºC
V
GE=15V
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
175
T
j≦175ºC
V
GE≧15V
0.01
0.1
1
10
100
1000
1
10
100
1000
T
C= 25ºC
Single Pulse
10
µs
100
µs
5/11
2016.01 - Rev.A


유사한 부품 번호 - RGTH00TK65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGTH00TK65 ROHM-RGTH00TK65 Datasheet
750Kb / 11P
   650V 50A Field Stop Trench IGBT
More results

유사한 설명 - RGTH00TK65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGTH00TK65 ROHM-RGTH00TK65 Datasheet
750Kb / 11P
   650V 50A Field Stop Trench IGBT
RGTV00TK65 ROHM-RGTV00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG50N65T HMSEMI-HMG50N65T Datasheet
1Mb / 8P
   650V /50A Trench Field Stop IGBT
logo
Rohm
RGT00TS65D ROHM-RGT00TS65D Datasheet
733Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TS65D ROHM-RGTH00TS65D Datasheet
671Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TS65 ROHM-RGTH00TS65 Datasheet
687Kb / 10P
   650V 50A Field Stop Trench IGBT
RGTV00TK65D ROHM-RGTV00TK65D Datasheet
1Mb / 12P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGW00TK65 ROHM-RGW00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com