전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RGTH60TK65D 데이터시트(PDF) 2 Page - Rohm

부품명 RGTH60TK65D
상세설명  650V 30A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RGTH60TK65D 데이터시트(HTML) 2 Page - Rohm

  RGTH60TK65D Datasheet HTML 1Page - Rohm RGTH60TK65D Datasheet HTML 2Page - Rohm RGTH60TK65D Datasheet HTML 3Page - Rohm RGTH60TK65D Datasheet HTML 4Page - Rohm RGTH60TK65D Datasheet HTML 5Page - Rohm RGTH60TK65D Datasheet HTML 6Page - Rohm RGTH60TK65D Datasheet HTML 7Page - Rohm RGTH60TK65D Datasheet HTML 8Page - Rohm RGTH60TK65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH60TK65D
lThermal Resistance
lIGBT Electrical Characteristics (at T
j = 25°C unless otherwise specified)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
°C/W
Thermal Resistance IGBT Junction - Case
Rθ(j-c)
-
-
2.43
°C/W
Thermal Resistance Diode Junction - Case
Rθ(j-c)
-
-
3.76
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
V
Collector Cut - off Current
ICES
VCE = 650V, VGE = 0V
-
-
10
μA
Collector - Emitter Breakdown
Voltage
BVCES
IC = 10μA, VGE = 0V
650
-
-
nA
Gate - Emitter Threshold
Voltage
VGE(th)
VCE = 5V, IC = 21.0mA
4.5
5.5
6.5
V
Gate - Emitter Leakage Current
IGES
VGE = 30V, VCE = 0V
-
-
200
Collector - Emitter Saturation
Voltage
VCE(sat)
IC = 30A, VGE = 15V
V
Tj = 25°C
-
1.6
2.1
Tj = 175°C
-
2.1
-
2/11
2016.01 - Rev.A


유사한 부품 번호 - RGTH60TK65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
   650V 30A Field Stop Trench IGBT
More results

유사한 설명 - RGTH60TK65D

제조업체부품명데이터시트상세설명
logo
Rohm
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TS65D ROHM-RGTH60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
TGTH60TS65 ROHM-TGTH60TS65 Datasheet
683Kb / 10P
   650V 30A Field Stop Trench IGBT
RGT60TS65D ROHM-RGT60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
RGCL60TK60 ROHM-RGCL60TK60 Datasheet
759Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TS65D ROHM-RGTV60TS65D Datasheet
1Mb / 13P
   650V 30A Field Stop Trench IGBT
RGS60TS65D ROHM-RGS60TS65D Datasheet
901Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTV60TS65 ROHM-RGTV60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TK65 ROHM-RGTV60TK65 Datasheet
1Mb / 10P
   650V 30A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com