전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RGTH80TS65 데이터시트(PDF) 3 Page - Rohm

부품명 RGTH80TS65
상세설명  650V 40A Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RGTH80TS65 데이터시트(HTML) 3 Page - Rohm

  RGTH80TS65 Datasheet HTML 1Page - Rohm RGTH80TS65 Datasheet HTML 2Page - Rohm RGTH80TS65 Datasheet HTML 3Page - Rohm RGTH80TS65 Datasheet HTML 4Page - Rohm RGTH80TS65 Datasheet HTML 5Page - Rohm RGTH80TS65 Datasheet HTML 6Page - Rohm RGTH80TS65 Datasheet HTML 7Page - Rohm RGTH80TS65 Datasheet HTML 8Page - Rohm RGTH80TS65 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH80TS65
IGBT Electrical Characteristics
(at Tj = 25°C unless otherwise specified)
Reverse Bias Safe Operating Area
RBSOA
IC = 160A, VCC = 520V
FULL SQUARE
-
VP = 650V, VGE = 15V
RG = 60Ω, Tj = 175°C
-
135
-
Fall Time
tf
Inductive Load
-
59
-
ns
Rise Time
tr
VGE = 15V, RG = 10Ω
-50-
Turn - off Delay Time
td(off)
Tj = 175°C
Turn - on Delay Time
td(on)
IC = 40A, VCC = 400V
-34-
-
120
-
Fall Time
tf
Inductive Load
-
47
-
Turn - on Delay Time
td(on)
IC = 40A, VCC = 400V
-34-
ns
Rise Time
tr
VGE = 15V, RG = 10Ω
-50-
Turn - off Delay Time
td(off)
Tj = 25°C
nC
Gate - Emitter Charge
Qge
IC = 40A
-21-
Gate - Collector Charge
Qgc
VGE = 15V
-29-
-35-
Total Gate Charge
Qg
VCE = 300V
-79-
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
pF
Output Capacitance
Coes
VGE = 0V
-85-
Reverse Transfer Capacitance
Cres
f = 1MHz
Input Capacitance
Cies
VCE = 30V
-
2210
-
3/9
2015.10 - Rev.C


유사한 부품 번호 - RGTH80TS65

제조업체부품명데이터시트상세설명
logo
Rohm
RGTH80TS65D ROHM-RGTH80TS65D Datasheet
1Mb / 13P
   650V 40A Field Stop Trench IGBT
More results

유사한 설명 - RGTH80TS65

제조업체부품명데이터시트상세설명
logo
Rohm
RGS80TS65HR ROHM-RGS80TS65HR Datasheet
405Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.02 - Rev.A
RGW80TK65E ROHM-RGW80TK65E Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2018.03 - Rev.A
RGTV80TS65 ROHM-RGTV80TS65 Datasheet
974Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGS80TS65D ROHM-RGS80TS65D Datasheet
905Kb / 13P
   650V 40A Field Stop Trench IGBT
RGTH80TS65D ROHM-RGTH80TS65D Datasheet
1Mb / 13P
   650V 40A Field Stop Trench IGBT
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTV80TS65D ROHM-RGTV80TS65D Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGW80TK65 ROHM-RGW80TK65 Datasheet
1Mb / 10P
   650V 40A Field Stop Trench IGBT
2017.10 - Rev.A
RGTH80TK65D ROHM-RGTH80TK65D Datasheet
889Kb / 13P
   650V 40A Field Stop Trench IGBT
RGT80TS65D ROHM-RGT80TS65D Datasheet
733Kb / 12P
   650V 40A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com