전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT2910A 데이터시트(PDF) 5 Page - Richtek Technology Corporation

부품명 RT2910A
상세설명  High Efficiency Inverting PWM Converter with Surge Stopper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2910A 데이터시트(HTML) 5 Page - Richtek Technology Corporation

  RT2910A Datasheet HTML 1Page - Richtek Technology Corporation RT2910A Datasheet HTML 2Page - Richtek Technology Corporation RT2910A Datasheet HTML 3Page - Richtek Technology Corporation RT2910A Datasheet HTML 4Page - Richtek Technology Corporation RT2910A Datasheet HTML 5Page - Richtek Technology Corporation RT2910A Datasheet HTML 6Page - Richtek Technology Corporation RT2910A Datasheet HTML 7Page - Richtek Technology Corporation RT2910A Datasheet HTML 8Page - Richtek Technology Corporation RT2910A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
RT2910A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS2910A-00
August
2017
www.richtek.com
5
to 50mV. A current is generated to start charging up the
TMR pin when over current condition is detected. The
MOSFET is turned off when it reaches 1.45V.
PWM Inverting Converter
PWM inverting converter can act a current mode non-
synchronous
Buck-Boost
converter
to
generated
negative output voltage, embedded an internal P-
MOSFET. The UVLO (under-voltage lockout) function
ensures
PWM
converter
operates
correctly
with
minimum VIN voltage. The VB regulator provides (VIN
5V) voltage for circuit powered directly by VIN. Connect
a resistor from the RT pin to GND to set PWM switching
frequency between 300kHz to 800kHz. Current limit
comparator compares the CS pin voltage with 100mV
reference voltage. Connect resistor between inductor
and PGND to set peak inductor current limit threshold.
5VDET pin is VIN detection. After soft-start beginning, if
5VDET pin above 1V and SFB pin less 0.6V POK will
pull high.
If HV-Switch Over-current/Over-voltage is triggered, the
TMR pin will be charge. When VTMR above 0.6V. POK
will pull low immediately to turn off GATE.
At the same time, a 10
A current source is charging the
FDLY capacitor. When the FDLY pin is a above 1.25V,
POK will pull high to turn on GATE again.
The PWM converter also provides Over Temperature
Protection (OTP).


유사한 부품 번호 - RT2910A

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
RT290-20 MARKTECH-RT290-20 Datasheet
229Kb / 4P
   LEDs
RT290-20 MARKTECH-RT290-20_15 Datasheet
229Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5_15 Datasheet
229Kb / 4P
   LEDs
logo
STMicroelectronics
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
   RobuST high-temperature low-power quad voltage comparators
More results

유사한 설명 - RT2910A

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC7860 LINER-LTC7860_15 Datasheet
828Kb / 26P
   High Efficiency Switching Surge Stopper
logo
Analog Devices
LTC7862 AD-LTC7862 Datasheet
1Mb / 32P
   140V High Efficiency Switching Surge Stopper
logo
Linear Technology
LTC7860 LINER-LTC7860 Datasheet
320Kb / 6P
   High Efficiency Switching Surge Stopper/EMI Filter
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
logo
Maxim Integrated Produc...
MAX1846 MAXIM-MAX1846 Datasheet
452Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
logo
Maxim Integrated Produc...
MAX1846EUB-T MAXIM-MAX1846EUB-T Datasheet
325Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
logo
Linear Technology
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com