전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT5509 데이터시트(PDF) 37 Page - Richtek Technology Corporation

부품명 RT5509
상세설명  Speaker Amplifier with Speaker Protection
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509 데이터시트(HTML) 37 Page - Richtek Technology Corporation

Back Button RT5509 Datasheet HTML 33Page - Richtek Technology Corporation RT5509 Datasheet HTML 34Page - Richtek Technology Corporation RT5509 Datasheet HTML 35Page - Richtek Technology Corporation RT5509 Datasheet HTML 36Page - Richtek Technology Corporation RT5509 Datasheet HTML 37Page - Richtek Technology Corporation RT5509 Datasheet HTML 38Page - Richtek Technology Corporation RT5509 Datasheet HTML 39Page - Richtek Technology Corporation RT5509 Datasheet HTML 40Page - Richtek Technology Corporation RT5509 Datasheet HTML 41Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
37
ADDR Byte
Bits
R/W
Name
Description
Default
0X2F
2
15:12
Reserved
11:10
R/W
T_DG_INT_UV_VBAT
INT_UV_VBAT deglitch time
00 : no deglitch
01 : 40ns deglitch
10 : 81ns deglitch
11 : 122ns deglitch
2’b01
9:8
R/W
T_DG_INT_OV_PVDD
INT_OV_PVDD deglitch time
00 : no deglitch
01 : 40ns deglitch
10 : 81ns deglitch
11 : 122ns deglitch
2’b01
7:6
R/W
T_DG_INT_OC_AMP_P
INT_OC_AMP_N deglitch time
00 : no deglitch
01 : 40ns deglitch
10 : 81ns deglitch
11 : 122ns deglitch
2’b00
5:4
R/W
T_DG_INT_OC_AMP_N
INT_OC_AMP_N deglitch time
00 : no deglitch
01 : 40ns deglitch
10 : 81ns deglitch
11 : 122ns deglitch
2’b00
3:2
R/W
T_DG_INT_OC_BST
INT_OC_BST deglitch time
00 : no deglitch
01 : 40ns deglitch
10 : 81ns deglitch
11 : 122ns deglitch
2’b00
1:0
R/W
T_DG_INT_OT
INT_OT deglitch time
00 : no deglitch
01 : 40ns deglitch
10 : 81ns deglitch
11 : 122ns deglitch
2’b00
0x30
1
7:4
R/W
SilenceRestTime
Silence reset time :
0 to 15 seconds
4'b0001
3:0
R/W
sThresAct
Signal Active threshold :
0 to
90dB (sThresAct * 6dB)
4'b1010
0x32
2
15:14
Reserved
13:9
R/W
delayGain[4:0]
The gain delay which is used to
synchronize left channel and right
channel
5'h00
8:0
R/W
tDelay
Look-ahead delay samples
The behavior is undefined if tDelay
= 0
9'h64
0x33
1
7:2
Reserved
1:0
R/W
tAttackSel
Attack Time Selection :
00 : 0ms
01 : 0.1ms
10 : 0.2ms
11 : 0.3ms
2'b10
0x34
2
15:0
R/W
tRelease
Release Time constant (1-RT)
16'h7fce


유사한 부품 번호 - RT5509

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT5508 RICHTEK-RT5508 Datasheet
2Mb / 57P
   Speaker Amplifier with Speaker Protection
RT5508WSC RICHTEK-RT5508WSC Datasheet
2Mb / 57P
   Speaker Amplifier with Speaker Protection
logo
RFHIC
RT550PD RFHIC-RT550PD Datasheet
153Kb / 2P
   Power Transistor
RT550PD RFHIC-RT550PD Datasheet
185Kb / 3P
   Power Transistor
RT550PD RFHIC-RT550PD_14 Datasheet
185Kb / 3P
   Power Transistor
More results

유사한 설명 - RT5509

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT5508 RICHTEK-RT5508 Datasheet
2Mb / 57P
   Speaker Amplifier with Speaker Protection
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
KODENSHI_AUK CORP.
KK5009 KODENSHI-KK5009 Datasheet
207Kb / 3P
   Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
OKI electronic componet...
MSA180 OKI-MSA180 Datasheet
147Kb / 17P
   Piezo Speaker Amplifier
MSC1157 OKI-MSC1157 Datasheet
143Kb / 14P
   Speaker Drive Amplifier
logo
Toshiba Semiconductor
TA7317P TOSHIBA-TA7317P Datasheet
176Kb / 3P
   PROTECTION CIRCUIT FOR OCL POWER AMPLIFIER AND SPEAKER
logo
ON Semiconductor
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
   DIRECT DRIVE SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com