전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ANT8010JLC1B1516A 데이터시트(PDF) 2 Page - YAGEO Corporation

부품명 ANT8010JLC1B1516A
상세설명  WIRELESS COMPONENTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT8010JLC1B1516A 데이터시트(HTML) 2 Page - YAGEO Corporation

  ANT8010JLC1B1516A Datasheet HTML 1Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 2Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 3Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 4Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 5Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.yageo.com
May. 7, 2013 V.0
WIRELESS COMPONENTS
2
2
Product specification
Active antenna
FEATURES
Compact size
Support GPS & GLONASS
system
High radiation efficiency
Integrated LNA
Flexible cable/connector
option
RoHS compliant
APPLICATIONS
Tablet
Navigation device
Telematics box
Tracker
ORDERING INFORMATION
All part numbers are identified by the series, packing type, material, size,
antenna type, working frequency and packing quantity.
PART NUMBER
ANT 8010 J LC1 B 1516A
(1)
(2)
(3)
(4)
(5)
(6)
(1) PRODUCT
ANT = Antenna products
(2) SIZE
8010 = 8.1 X 1.0 mm
(3) ANTENNA TYPE
J = Integrated Antenna
(4) SERIAL NO.
LC1
(5) PACKING STYLE
B = Plastic Bag
(6) WORKING FREQUENCY
1516 = 1.575 / 1.602 GHz
PHYCOMP CTC
CAN4313981C11561B
12NC
4313981C1156


유사한 부품 번호 - ANT8010JLC1B1516A

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
ANT8010LL04R2400A YAGEO-ANT8010LL04R2400A Datasheet
488Kb / 6P
   Ceramic Chip Antenna
ANT8010LL05R1516A YAGEO-ANT8010LL05R1516A Datasheet
758Kb / 6P
   WIRELESS COMPONENTS
ANT8010LL05R1575A YAGEO-ANT8010LL05R1575A Datasheet
537Kb / 6P
   WIRELESS COMPONENTS
More results

유사한 설명 - ANT8010JLC1B1516A

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com