전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ANT8010JLC1B1516A 데이터시트(PDF) 3 Page - YAGEO Corporation

부품명 ANT8010JLC1B1516A
상세설명  WIRELESS COMPONENTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT8010JLC1B1516A 데이터시트(HTML) 3 Page - YAGEO Corporation

  ANT8010JLC1B1516A Datasheet HTML 1Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 2Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 3Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 4Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 5Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.yageo.com
May. 7, 2013 V.0
WIRELESS COMPONENTS
3
3
Product specification
Active antenna
ELECTRICAL CHARACTERISTICS
CERAMIC CHIP ANTENNA
DESCRIPTION
VALUE
Dimension
8.0×1.0×1.0 mm³
Centre Frequency
1575 ~ 1602 MHz
Bandwidth
75 MHz (Typ.)
Gain
GPS 1575 MHz : 3.62 dBi (Typ.)
GLONASS 1602 MHz : 3.71 dBi (Typ.)
VSWR
2.0 Max.
Polarization
Linear Polarization
Efficiency
GPS 1575 MHz : 57.72%
GLONASS 1602 MHz : 57.59%
LNA
DESCRIPTION
VALUE
Centre Frequency
1575 MHz & 1602 MHz
Gain
1575 MHz : 20.7 ± 1 dB
1602 MHz : 20.7 ± 1 dB
Output VSWR
2.0 Max.
Noise Figure
1575 MHz : 1.86 dB (Typ.)
1602 MHz : 1.97 dB (Typ.)
SAW Filter
(Out of Band Attenuation)
40dB min 1.0 ~ 960MHz
20dB min 1427~1463MHz
20dB min 1710~1785MHz
25dB min 1850~1980MHz
40dB min 2401~2483MHz
Supply Voltage
3.0 ± 0.3V
Current Consumption
3.6 mA (Typ.)
Output Impedance
50
Ω
Operating Temperature
-30 ~ +85
Humidity
< 95%
Storage Temperature
-40 ~ +125
NOTE
1. Based on 22*6 mm² ground plane (with customer's housing)
2. Centre frequency will be offset to working frequency while changes of customer's housing and ground plane.
3. Please contact local sales if you need customized design to gain optimum antenna performance.
Table 1


유사한 부품 번호 - ANT8010JLC1B1516A

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
ANT8010LL04R2400A YAGEO-ANT8010LL04R2400A Datasheet
488Kb / 6P
   Ceramic Chip Antenna
ANT8010LL05R1516A YAGEO-ANT8010LL05R1516A Datasheet
758Kb / 6P
   WIRELESS COMPONENTS
ANT8010LL05R1575A YAGEO-ANT8010LL05R1575A Datasheet
537Kb / 6P
   WIRELESS COMPONENTS
More results

유사한 설명 - ANT8010JLC1B1516A

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com