전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ANT8010JLC1B1516A 데이터시트(PDF) 4 Page - YAGEO Corporation

부품명 ANT8010JLC1B1516A
상세설명  WIRELESS COMPONENTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT8010JLC1B1516A 데이터시트(HTML) 4 Page - YAGEO Corporation

  ANT8010JLC1B1516A Datasheet HTML 1Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 2Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 3Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 4Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 5Page - YAGEO Corporation ANT8010JLC1B1516A Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.yageo.com
May. 7, 2013 V.0
WIRELESS COMPONENTS
4
4
Product specification
Active antenna
Mechanical Data
Length
22.0 +/- 0.2 mm
Width
6.0 +/- 0.2 mm
Thickness
1.9 ~ 2.1 mm
Cable
Diameter= 1.13 mm ; Length=
100 mm ; Black
Connector
I-PEX 20428
Shielding Case
10 × 5.2 × 1.3 mm³


유사한 부품 번호 - ANT8010JLC1B1516A

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
ANT8010LL04R2400A YAGEO-ANT8010LL04R2400A Datasheet
488Kb / 6P
   Ceramic Chip Antenna
ANT8010LL05R1516A YAGEO-ANT8010LL05R1516A Datasheet
758Kb / 6P
   WIRELESS COMPONENTS
ANT8010LL05R1575A YAGEO-ANT8010LL05R1575A Datasheet
537Kb / 6P
   WIRELESS COMPONENTS
More results

유사한 설명 - ANT8010JLC1B1516A

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com