전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2300IPAGR 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TSC2300IPAGR
상세설명  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSC2300IPAGR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TSC2300IPAGR Datasheet HTML 3Page - Texas Instruments TSC2300IPAGR Datasheet HTML 4Page - Texas Instruments TSC2300IPAGR Datasheet HTML 5Page - Texas Instruments TSC2300IPAGR Datasheet HTML 6Page - Texas Instruments TSC2300IPAGR Datasheet HTML 7Page - Texas Instruments TSC2300IPAGR Datasheet HTML 8Page - Texas Instruments TSC2300IPAGR Datasheet HTML 9Page - Texas Instruments TSC2300IPAGR Datasheet HTML 10Page - Texas Instruments TSC2300IPAGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
www.ti.com
TSC2300
SLAS372 — NOVEMBER 2002
PIN DESCRIPTION (continued)
PIN
I/O
NAME
DESCRIPTION
15
I
DGND
Digital ground
16
I
SS
Slave select input (active low). Data is not clocked into DIN unless SS is low. When SS is high, MOIS
is high impedance.
17
I
SCLK
SPI clock input
18
I
MOSI
SPI data input. Data is clocked in at SCLK rising edge
19
O
MISO
SPI data output. Data is clocked out at SCLK falling edge. High impedance when SS is high.
20
O
DAV
Data available (active low).
21
I
COI
Crystal input
22
O
COO
Crystal output
23
I
MCLK
Master clock input for audio codec
24
I
BCLK
I2S bit clock
25
I
LRCLK
I2S left/right clock
26
I
I2SDIN
I2S serial data in
27
O
I2SDOUT
I2S serial data out
28
I
DVDD
Digital voltage supply
29
I
DGND
Digital ground
30
O
KBIRQ
Keypad interrupt (active low). Indicates a key has been depressed
31
I
RESET
Device reset (active high)
32
O
R1
Keypad row 1
33
O
R2
Keypad row 2
34
O
R3
Keypad row 3
35
O
R4
Keypad row 4
36
I
C1
Keypad column 1
37
I
C2
Keypad column 2
38
I
C3
Keypad column 3
39
I
C4
Keypad column 4
40
I
LLINEIN
Left-channel analog input to audio codec
41
I
RLINEIN
Right-channel analog input to audio codec
42
I
MICIN
Analog input from microphone
43
O
MICBIAS
Bias voltage output
44
O
VCM
Common-mode voltage bypass capacitor
45
O
NC
No connection
46
O
AFILT
Audio ADC antialiasing filter capacitor
47
I
VREF+
Audio codec positive reference voltage
48
I
VREF-
Audio codec negative reference voltage
49
O
MONO+
Mono differential output
50
O
MONO-
Mono differential output
51
O
VOUTR
Audio right line output
52
O
VOUTL
Audio left line output
53
I
AGND
Analog ground
54
I
AVDD
Analog supply
55
O
HPL
Headphone amplifier left output
56
O
HPR
Headphone amplifier right output
57
I
HPGND
Analog ground for headphone amplifier and touch screen circuitry
58
I
X-
X- position input
59
I
Y-
Y- position input
7


유사한 부품 번호 - TSC2300IPAGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301 TI1-TSC2301 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IGQZ TI-TSC2301IGQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZR TI-TSC2301IGQZR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

유사한 설명 - TSC2300IPAGR

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com