전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA6J22A 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SMA6J22A
상세설명  5V ~ 85V, 600W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA6J22A 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMA6J22A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA6J22A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA6J22A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA6J22A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMA6J SERIES
5V ~ 85V, 600W
Peak Power Surface Mount TVS
Elektronische Bauelemente
28-Jun-2016 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
Glass passivated chip
600W peak pulse power capability with a 10/1000
µs waveform
Low leakage
Uni- and Bi-directional unit
Excellent clamping capability
Very fast response time
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
Rating
Symbol
Value
Unit
Peak Power Dissipation@ a 10/1000
µs waveform 1
PPK
600
W
Peak Pulse Current@ a 10/1000
µs waveform 1
IPP
See next table
A
Power Dissipation@ on a infinite heat sink at TL=75°C
P D
3
W
Peak Forward Surge Current@ 8.3ms single Half
Sine-Wave, for unidirectional only
2
IFSM
60
A
Maximum Instantaneous Forward voltage@ at 25A
for unidirectional only
VF
3.5
V
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Notes:
1.
Non-repetitive current pulse is on Fig. 5 and it derates above TA=25°C on Fig. 1.
2.
Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
SMA
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.24
1.65
E
-
0.203
B
3.99
4.75
F
4.80
5.28
C
2.40
2.90
G
0.76
1.52
D
1.90
2.44
H
0.15
0.31


유사한 부품 번호 - SMA6J22A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMA6J22A MCC-SMA6J22A Datasheet
287Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 33 Volts
logo
Vishay Siliconix
SMA6J22A VISHAY-SMA6J22A Datasheet
101Kb / 5P
   Surface Mount Transient Voltage Suppressors
Revision: 30-Oct-08
logo
Taiwan Semiconductor Co...
SMA6J22A TSC-SMA6J22A Datasheet
218Kb / 5P
   Surface Mount Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SMA6J22A SEMITECH-SMA6J22A Datasheet
485Kb / 5P
   Glass passivated junction
logo
SeCoS Halbleitertechnol...
SMA6J22A SECOS-SMA6J22A Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
More results

유사한 설명 - SMA6J22A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
S2FL SECOS-S2FL Datasheet
311Kb / 4P
   5V ~ 220V 200W Peak Power Surface Mount TVS
logo
Digitron Semiconductors
SMBJ5.0 DIGITRON-SMBJ5.0 Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com