전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10065CIMTX 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC10065CIMTX
상세설명  ADC10065 10-Bit 65 MSPS 3V A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10065CIMTX 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC10065CIMTX Datasheet HTML 2Page - National Semiconductor (TI) ADC10065CIMTX Datasheet HTML 3Page - National Semiconductor (TI) ADC10065CIMTX Datasheet HTML 4Page - National Semiconductor (TI) ADC10065CIMTX Datasheet HTML 5Page - National Semiconductor (TI) ADC10065CIMTX Datasheet HTML 6Page - National Semiconductor (TI) ADC10065CIMTX Datasheet HTML 7Page - National Semiconductor (TI) ADC10065CIMTX Datasheet HTML 8Page - National Semiconductor (TI) ADC10065CIMTX Datasheet HTML 9Page - National Semiconductor (TI) ADC10065CIMTX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DC and Logic Electrical Characteristics Unless otherwise specified, the following specifications
apply for V
SSA =VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN =2VP-P, STBY = 0V, VREF = 1.20V, (Externally Supplied)
f
CLK = 65 MHz, 50% Duty Cycle, CL = 10 pF/pin. Boldface limits apply for TA =TMIN to TMAX: all other limits TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLK, DF, STBY, SENSE
Logical “1” Input Voltage
2
V
Logical “0” Input Voltage
0.8
V
Logical “1” Input Current
+10
µA
Logical “0” Input Current
−10
µA
D0–D9 OUTPUT CHARACTERISTICS
Logical “1” Output Voltage
I
OUT = −0.5 mA
V
DDIO−0.2
V
Logical “0” Output Voltage
I
OUT = 1.6 mA
0.4
V
DYNAMIC CONVERTER CHARACTERISTICS
ENOB
Effective Number of Bits
f
IN = 11 MHz
9.4, 9.3
9.6
Bits
f
IN = 32 MHz
9.3, 9.2
9.5
Bits
SNR
Signal-to-Noise Ratio
f
IN = 11 MHz
58.6, 58
59.6
dB
f
IN = 32 MHz
58.5, 57.9
59.3
dB
SINAD
Signal-to-Noise Ratio + Distortion
f
IN = 11 MHz
58.3, 57.6
59.4
dB
f
IN = 32 MHz
58, 57.4
59
dB
2nd HD
2nd Harmonic
f
IN =11MHz
−75.6,
−69.7
−90
dBc
f
IN =32MHz
−72.7,
−68.9
−82
dBc
3rd HD
3rd Harmonic
f
IN =11MHz
−66.2,
−63
−74
dBc
f
IN = 32 MHz
−65.4,
−63.3
−72
dBc
THD
Total Harmonic Distortion (First 6
Harmonics)
f
IN =11MHz
−66.2,
−63
−74
dB
f
IN =32MHz
−65.4,
−63.3
−72
dB
SFDR
Spurious Free Dynamic Range
(Excluding 2nd and 3rd Harmonic)
f
IN =11MHz
−75.8,
−74.5
−80
dBc
f
IN =32MHz
−74.4,
−73.3
−80
dBc
www.national.com
6


유사한 부품 번호 - ADC10065CIMTX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10065CIMTX TI1-ADC10065CIMTX Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065CIMTX/NOPB TI1-ADC10065CIMTX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results

유사한 설명 - ADC10065CIMTX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
   Single 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com