전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81302Q37AGD-333 데이터시트(PDF) 11 Page - GSI Technology

부품명 GS81302Q37AGD-333
상세설명  144Mb SigmaQuad-IITM Burst of 2 SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302Q37AGD-333 데이터시트(HTML) 11 Page - GSI Technology

Back Button GS81302Q37AGD-333 Datasheet HTML 7Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 8Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 9Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 10Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 11Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 12Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 13Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 14Page - GSI Technology GS81302Q37AGD-333 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Capacitance
oC, f = 1 MHZ, VDD = 1.8 V)
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
4
5
pF
Output Capacitance
COUT
VOUT = 0 V
6
7
pF
Clock Capacitance
CCLK
VIN = 0 V
5
6
pF
Note:
This parameter is sample tested.
AC Test Conditions
Parameter
Conditions
Input high level
1.25
Input low level
0.25 V
Max. input slew rate
2 V/ns
Input reference level
0.75
Output reference level
VDDQ/2
Note:
Test conditions as specified with output loading as shown unless otherwise noted.
Preliminary
GS81302Q19/37AGD-450/400/375/333
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00a 5/2017
11/24
© 2017, GSI Technology
DQ
VT == 0.75 V
50
RQ = 250
(HSTL I/O)
VREF = 0.75 V
AC Test Load Diagram
Input and Output Leakage Characteristics
Parameter
Symbol
Test Conditions
Min.
Max
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDD
–2 uA
2 uA
Doff
IILDOFF
VIN = 0 to VDD
–2 uA
100 uA
ODT
IIL ODT
VIN = 0 to VDD
–2 uA
100 uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDDQ
–2 uA
2 uA
(TA = 25


유사한 부품 번호 - GS81302Q37AGD-333

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81302Q37AGD-375 GSI-GS81302Q37AGD-375 Datasheet
428Kb / 24P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q37AGD-375I GSI-GS81302Q37AGD-375I Datasheet
428Kb / 24P
   JEDEC-standard pinout and package
More results

유사한 설명 - GS81302Q37AGD-333

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81302Q07E-300 GSI-GS81302Q07E-300 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q37GE-300I GSI-GS81302Q37GE-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT19GE-250 GSI-GS81302QT19GE-250 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q10E-300I GSI-GS81302Q10E-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT07E-250 GSI-GS81302QT07E-250 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q19GE-300 GSI-GS81302Q19GE-300 Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q37E-250I GSI-GS81302Q37E-250I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT37AGD-333I GSI-GS81302QT37AGD-333I Datasheet
432Kb / 25P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302Q07E-200I GSI-GS81302Q07E-200I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
GS81302QT10GE-300I GSI-GS81302QT10GE-300I Datasheet
487Kb / 28P
   144Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com