전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5057VF 데이터시트(PDF) 1 Page - Fuji Electric

부품명 FMM5057VF
상세설명  7.1-8.5GHz Power Amplifier MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMM5057VF 데이터시트(HTML) 1 Page - Fuji Electric

  FMM5057VF Datasheet HTML 1Page - Fuji Electric FMM5057VF Datasheet HTML 2Page - Fuji Electric FMM5057VF Datasheet HTML 3Page - Fuji Electric FMM5057VF Datasheet HTML 4Page - Fuji Electric FMM5057VF Datasheet HTML 5Page - Fuji Electric FMM5057VF Datasheet HTML 6Page - Fuji Electric FMM5057VF Datasheet HTML 7Page - Fuji Electric FMM5057VF Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7.1-8.5GHz Power Amplifier MMIC
FEATURES
・High Output Power: 34.0dBm(typ.)
・High Linear Gain: 26.0dB(typ.)
・Low VSWR
・Broad Band: 7.1~8.5GHz
・Impedance Matched Zin/Zout = 50Ω
・Small Hermetic Metal-Ceramic Package(VF)
DESCRIPTION
The FMM5057VF is a MMIC amplifier that contains a four-stage
amplifier, internally matched, for standard communications band in the
7.1 to 8.5GHz frequency range.
Fujitsu’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.
ABSOLUTE MAXIMUM RATINGS (Case Temperature Tc=25
℃)
Item
Symbol
Rating
Unit
DC Input Voltage
DC Input Voltage
Input Power
Storage Temperature
VDD
VGG
Pin
Tstg
12
-7
14
-55 to +125
V
V
dBm
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25
℃)
CASE STYLE: VF
G.C.P.:Gain Compression Point
Edition 1.1
May 2003
1
Recommended Operating Condition
FMM5057VF
Item
Symbol
Condition
Unit
DC Input Voltage at Tc=25
Input Power at Tc=25
DC Input Current at Tc=25
Operating Case Temperature
VDD
Pin
IDD
Tc
10
12
≤1200
-40 to +85
V
dBm
mA
ESD
Class 0
~ 199 V
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5k
Ω)
Output Power at 1dB G.C.P.
Limit
Item
Symbol
Test Conditions
Unit
Frequency Range
Power Gain at 1dB G.C.P.
Gain Flatness
Input VSWR
f
P1dB
G1dB
ΔG
VSWRi
GHz
dB
-
-
Min.
Typ.
Max.
Output VSWR
DC Input Current
VSWRo
IDD
dBm
dB
mA
7.1 - 8.5
32.0
34.0
-
23.0
26.0
-
-
2.4
4.0
-
2 : 1
2.6 : 1
-
2 : 1
-
-
1100
1200
VDD=10V
VGG=-5V
f=7.1 to 8.5GHz
VDD=10V,VGG=-5V
DC Input Current
IGG
mA
-
5.0
15.0
Channel Temperature Rise
ΔTch
-
50
-
Note:G1dB is referenced to Linear Gain measured at Pin=-3dBm.


유사한 부품 번호 - FMM5057VF

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5057X EUDYNA-FMM5057X Datasheet
621Kb / 14P
   C-Band Power Amplifier MMIC
More results

유사한 설명 - FMM5057VF

제조업체부품명데이터시트상세설명
logo
United Monolithic Semic...
CHA6552-QJG UMS-CHA6552-QJG_15 Datasheet
735Kb / 18P
   5.8- 8.5GHz Power Amplifier
logo
TriQuint Semiconductor
TGA2701 TRIQUINT-TGA2701 Datasheet
193Kb / 16P
   7 - 8.5GHz High Power Amplifier
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4 Datasheet
281Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
logo
Marki Microwave
MQH-2R58R5 MARKIMICROWAVE-MQH-2R58R5 Datasheet
501Kb / 12P
   MMIC 2.5-8.5GHz Quadrature Hybrid
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
logo
TriQuint Semiconductor
TGA2701 TRIQUINT-TGA2701_15 Datasheet
174Kb / 17P
   7 to 8.5GHz High Power Amplifier
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com