전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT43WS 데이터시트(PDF) 2 Page - Chip Integration Technology Corporation

부품명 BAT43WS
상세설명  200mA Surface Mount Small Signal Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CITC [Chip Integration Technology Corporation]
홈페이지  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BAT43WS 데이터시트(HTML) 2 Page - Chip Integration Technology Corporation

  BAT43WS Datasheet HTML 1Page - Chip Integration Technology Corporation BAT43WS Datasheet HTML 2Page - Chip Integration Technology Corporation BAT43WS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Document ID : DS-22K2S
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
200mA Surface Mount Small Signal Diodes
BAT42WS / BAT43WS
Fig. 1 FORWARD CURRENT CURVE
0
0
40
80
120
160
200
25
50
75
100
T ,
A
O
AMBIENT TEMPERATURE ( C)
125
150
Fig. 2 TYPICAL FORWARD CHARACTERISTIC
0
100
0.1
10
V , FORWARD VOLTAGE (V)
F
400
800
1.0
600
200
O
T = 25 C
A
O
T = -25 C
A
O
T = 75 C
A
O
T = 125 C
A
Fig. 3 TYPICAL REVERSE CHARACTERISTICS
0
0.01
0.1
1.0
10
100
1000
10
20
30
V , INSTANTANEOUS REVERSE VOLTAGE
R
(V)
40
O
T = 25 C
A
O
T = 75 C
A
O
T = 125 C
A
Fig. 4 TOTAL CAPACITANCE VS REVERSE VOLTAGE
0
1.0
10
100
10
20
30
V , REVERSE VOLTAGE
R
(V)
40
O
T = 25 C
A
f = 1MHz


유사한 부품 번호 - BAT43WS

제조업체부품명데이터시트상세설명
logo
Diotech Company.
BAT43WS DIOTECH-BAT43WS Datasheet
742Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Guangdong Kexin Industr...
BAT43WS KEXIN-BAT43WS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
WILLAS ELECTRONIC CORP
BAT43WS WILLAS-BAT43WS Datasheet
160Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
logo
Shunye Enterprise
BAT43WS SHUNYE-BAT43WS Datasheet
931Kb / 2P
   SCHOTTKY DIODES
More results

유사한 설명 - BAT43WS

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
BAS40 CITC-BAS40 Datasheet
167Kb / 3P
   200mA Surface Mount Small Signal Diodes
RB520S CITC-RB520S Datasheet
100Kb / 3P
   200mA Surface Mount Small Signal Diodes
RB520S-40 CITC-RB520S-40 Datasheet
91Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT54 CITC-BAT54 Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT54WS CITC-BAT54WS Datasheet
478Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT42W CITC-BAT42W Datasheet
90Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT54W CITC-BAT54W Datasheet
156Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
Formosa MS
BAT54WS FORMOSA-BAT54WS_11 Datasheet
102Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
BAT42WS FORMOSA-BAT42WS_10 Datasheet
93Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com