전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSHG6210 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 TSHG6210
상세설명  High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHG6210 데이터시트(HTML) 4 Page - Vishay Siliconix

  TSHG6210 Datasheet HTML 1Page - Vishay Siliconix TSHG6210 Datasheet HTML 2Page - Vishay Siliconix TSHG6210 Datasheet HTML 3Page - Vishay Siliconix TSHG6210 Datasheet HTML 4Page - Vishay Siliconix TSHG6210 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSHG6210
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 23-Aug-11
4
Document Number: 81869
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
0.5
+ 0.15
- 0.05
5 ± 0.15
Area not plane
technical drawings
according to DIN
specifications
6.544-5259.02-4
Issue: 8; 19.05.09
95 10917
2.54 nom.
0.5
+ 0.15
- 0.05
A
C
0.6
+ 0.2
- 0.1
R 2.49 (sphere)


유사한 부품 번호 - TSHG6210

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TSHG6210 VISHAY-TSHG6210 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 850 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
TSHG6210 VISHAY-TSHG6210 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSHG6210 VISHAY-TSHG6210 Datasheet
104Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG6210 VISHAY-TSHG6210 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG6210 VISHAY-TSHG6210_09 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
More results

유사한 설명 - TSHG6210

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TSHG6410 VISHAY-TSHG6410_09 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 08-Jul-09
TSHG6200 VISHAY-TSHG6200_07 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Dec-07
TSHG5410 VISHAY-TSHG5410_11 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
TSHG6200 VISHAY-TSHG6200_V01 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG5210 VISHAY-TSHG5210_V02 Datasheet
107Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG6410 VISHAY-TSHG6410_V02 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG5210 VISHAY-TSHG5210_09 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSHG6210 VISHAY-TSHG6210_09 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
VSMG3700 VISHAY-VSMG3700_10 Datasheet
127Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.4, 06-Oct-10
TSHG6400 VISHAY-TSHG6400_09 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.1, 29-Jun-09
TSHG6400 VISHAY-TSHG6400_11 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 23-Aug-11
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com