전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL20T80 데이터시트(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 SL20T80
상세설명  20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SL20T80 데이터시트(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SL20T80 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SL20T80 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SL20T80 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SL20T**L
TO-277B
3 of 3
Ordering Information
Part Number
Case
Packaging
5000/Tape & Reel
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Outline Dimensions
Suggested Pad Layout
Dim
Min
Max
A
1.05
1.15
B
0.33
0.43
C
0.80
0.99
D
1.70
1.88
E
3.90
4.05
F
3.054 Typ
G
6.40
6.60
H
1.84 Typ
I
5.30
5.45
J
3.549 Typ
K
0.75
0.95
L
0.50
0.65
M
1.10
1.41
All Dimensions in mm
Dimensions
Value (in mm)
1.840
a
3.360
c
1.390
b
4.860
d
1.400
G
I
C
A
B
B
E
D
C
H
F
K
J
L
M
h
a
e
d
b
c
TO-277B
e
h
0.852
SL20T80-SL20T200
SL20T80-SL20T200


유사한 부품 번호 - SL20T80

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
SL20T80 ZSELEC-SL20T80 Datasheet
191Kb / 2P
   20.0 A SUPER BARRIER RECTIFIER
SL20T80L ZSELEC-SL20T80L Datasheet
192Kb / 2P
   20.0 A SUPER BARRIER RECTIFIER
SL20T80 ZSELEC-SL20T80_V01 Datasheet
191Kb / 2P
   20.0 A SUPER BARRIER RECTIFIER
More results

유사한 설명 - SL20T80

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
SB20T80L ZSELEC-SB20T80L Datasheet
332Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR2045L ZSELEC-SR2045L Datasheet
263Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB15T80L ZSELEC-SB15T80L Datasheet
331Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
SBG2030CT DIODES-SBG2030CT Datasheet
45Kb / 2P
   20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30091 Rev. B-2
SBG2030CT DIODES-SBG2030CT_1 Datasheet
78Kb / 3P
   20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30091 Rev. 5 - 2
logo
Chip Integration Techno...
CSP20S60S-A CITC-CSP20S60S-A Datasheet
465Kb / 3P
   20A Surface Mount Low Barrier Diode
logo
Formosa MS
MBRF20100CT FORMOSA-MBRF20100CT Datasheet
171Kb / 3P
   20A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
20SQ030 ZSELEC-20SQ030 Datasheet
89Kb / 2P
   20A SCHOTTKY BARRIER DIODE
logo
Sanken electric
MPE-29G SANKEN-MPE-29G Datasheet
21Kb / 1P
   Power Surface Mount 90V, 20A Schottky barrier diode in TO220S package
logo
Shenzhen Luguang Electr...
LGMBR2040BCT LUGUANG-LGMBR2040BCT Datasheet
1Mb / 3P
   20A Surface Mount High Power Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com