전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCP1207A 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 NCP1207A
상세설명  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207A 데이터시트(HTML) 5 Page - ON Semiconductor

  NCP1207A Datasheet HTML 1Page - ON Semiconductor NCP1207A Datasheet HTML 2Page - ON Semiconductor NCP1207A Datasheet HTML 3Page - ON Semiconductor NCP1207A Datasheet HTML 4Page - ON Semiconductor NCP1207A Datasheet HTML 5Page - ON Semiconductor NCP1207A Datasheet HTML 6Page - ON Semiconductor NCP1207A Datasheet HTML 7Page - ON Semiconductor NCP1207A Datasheet HTML 8Page - ON Semiconductor NCP1207A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP1207A
http://onsemi.com
5
Figure 3. Internal IC Consumption (No Output
Load) versus Temperature
Figure 4. Internal IC Consumption (1.0 nF
Output Load) versus Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
125
100
75
50
25
0
−50
0.4
0.6
0.8
1.0
1.2
1.4
1.6
125
100
75
50
25
0
−50
1.1
1.3
1.5
1.7
1.9
2.1
2.3
Figure 5. VCC Increasing Level at which the
Current Source Turns−Off versus Temperature
Figure 6. VCC Decreasing Level at which the
Current Source Turns−On versus Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
125
100
75
50
25
0
−50
10.4
10.9
11.4
11.9
12.4
12.9
125
100
75
50
25
0
−50
8.8
9.3
9.8
10.3
10.8
Figure 7. Internal Startup Current Source at
VCC = 10 V versus Temperature
Figure 8. Source and Sink Resistance versus
Temperature
TEMPERATURE (
°C)
125
100
75
50
25
0
−50
2
4
6
8
10
12
TEMPERATURE (
°C)
125
100
75
50
25
0
−50
0
5
10
15
20
25
35
40
30
3
5
7
9
11
−25
−25
−25
−25
−25
−25
ROH
ROL


유사한 부품 번호 - NCP1207A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP1207A ONSEMI-NCP1207A Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207A ONSEMI-NCP1207A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1207A ONSEMI-NCP1207A Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1207A ONSEMI-NCP1207A Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207A ONSEMI-NCP1207A Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
More results

유사한 설명 - NCP1207A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com