전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS82582Q38GE-500 데이터시트(PDF) 2 Page - GSI Technology

부품명 GS82582Q38GE-500
상세설명  288Mb SigmaQuad-II Burst of 2 SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582Q38GE-500 데이터시트(HTML) 2 Page - GSI Technology

  GS82582Q38GE-500 Datasheet HTML 1Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 2Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 3Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 4Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 5Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 6Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 7Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 8Page - GSI Technology GS82582Q38GE-500 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
16M x 18 SigmaQuad-II+ SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
BW1
K
SA
R
SA
SA
CQ
B
NC
Q9
D9
SA
NC
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
SA
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
QVLD
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm Body—1 mm Bump Pitch
Note:
BW0 controls writes to D0:D8. BW1 controls writes to D9:D17.
GS82582Q20/38GE-500/450/400/375
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
2/25
© 2012, GSI Technology


유사한 부품 번호 - GS82582Q38GE-500

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS82582Q38GE-500 GSI-GS82582Q38GE-500 Datasheet
436Kb / 25P
   Byte Write controls sampled at data-in time
GS82582Q38GE-500 GSI-GS82582Q38GE-500 Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q38GE-500I GSI-GS82582Q38GE-500I Datasheet
436Kb / 25P
   Dual Double Data Rate interface
GS82582Q38GE-500I GSI-GS82582Q38GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
More results

유사한 설명 - GS82582Q38GE-500

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS82582Q20GE-500I GSI-GS82582Q20GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q19GE-400 GSI-GS82582Q19GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-300 GSI-GS82582Q37GE-300 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT19GE-400I GSI-GS82582QT19GE-400I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-400I GSI-GS82582Q19GE-400I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-400 GSI-GS82582Q37GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT20GE-450I GSI-GS82582QT20GE-450I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-333 GSI-GS82582Q19GE-333 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q20GE-400 GSI-GS82582Q20GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-300I GSI-GS82582Q19GE-300I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com