전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847 데이터시트(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 BC847
상세설명  SOT-23 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC847 데이터시트(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC847 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
e1
1.800
2.000
0.071
0.079
L
L1
0.300
0.500
0.012
0.020
θ
0.550 REF
0.022 REF
Symbol
Dimensions In Inches
Dimensions In Millimeters
0.950 TYP
0.037 TYP
SOT-23 Package Outline Dimensions
SOT-23 Suggested Pad Layout
www.cj-elec.com
4
A,Jun,2014
www.cj-elec.com
D,Oct,2014


유사한 부품 번호 - BC847

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
BC847 PHILIPS-BC847 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
BC847 PHILIPS-BC847 Datasheet
84Kb / 13P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
GUANGDONG HOTTECH INDUS...
BC847 HOTTECH-BC847 Datasheet
265Kb / 3P
   Plastic-Encapsulate Transistors
logo
Shenzhen Ping Sheng Ele...
BC847 PFS-BC847 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results

유사한 설명 - BC847

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com