전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS40S45CT-A 데이터시트(PDF) 3 Page - Chip Integration Technology Corporation

부품명 CS40S45CT-A
상세설명  40A MOS Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CITC [Chip Integration Technology Corporation]
홈페이지  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS40S45CT-A 데이터시트(HTML) 3 Page - Chip Integration Technology Corporation

  CS40S45CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS40S45CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS40S45CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CITC reserves the right to make changes to this document and its products and specifi cations at any
time without notice.
Customers should obtain and confi rm the latest product information and specifi cations before fi nal
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
■ Ordering / Packing Information
Part number
Case
CS40S45CT-A
Q'TY/Tube (PCS)
Q'TY/Box (PCS)
Q'TY/Carton (PCS)
CS40S45CTG-A
TO-220AB
50
1000
5000
Notes: 1. For packaging details please reference our website at http://www.citcorp .com.tw/tchinese /products /index.php
Notes:
CS40S45CT-A : Product type marking code
: CITC Logo
■ Marking Information
CS40S45CT-A
Halogen
Halogen free
Document ID : DS-11K030
Revised Date : 2016/10/04
Revision : C
40A MOS Schottky Rectifier
CS40S45CT-A
Chip Integration Technology Corporation


유사한 부품 번호 - CS40S45CT-A

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
CS40S45CT CITC-CS40S45CT Datasheet
467Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results

유사한 설명 - CS40S45CT-A

제조업체부품명데이터시트상세설명
logo
Chip Integration Techno...
CSF40S45PT CITC-CSF40S45PT Datasheet
493Kb / 3P
   40A MOS Schottky Rectifier
logo
PFC Device Inc.
PFR40V60PT PFC-PFR40V60PT Datasheet
663Kb / 6P
   40A 60V MOS Schottky Rectifier
PFR4045PT PFC-PFR4045PT Datasheet
661Kb / 6P
   40A 45V MOS Schottky Rectifier
PFR40V200PT PFC-PFR40V200PT Datasheet
663Kb / 6P
   40A 200V MOS Schottky Rectifier
PFR40L200CT PFC-PFR40L200CT Datasheet
776Kb / 7P
   40A 200V MOS Schottky Rectifier
PFR40L150CT PFC-PFR40L150CT Datasheet
777Kb / 7P
   40A 150V MOS Schottky Rectifier
PFR4045CT PFC-PFR4045CT Datasheet
772Kb / 7P
   40A 45V MOS Schottky Rectifier
PFR40V45CT PFC-PFR40V45CT Datasheet
775Kb / 7P
   40A 45V MOS Schottky Rectifier
PFR40L45CT PFC-PFR40L45CT Datasheet
774Kb / 7P
   40A 45V MOS Schottky Rectifier
PFR40L45PT PFC-PFR40L45PT Datasheet
661Kb / 6P
   40A 45V MOS Schottky Rectifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com