전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT2G66DP 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74HCT2G66DP
상세설명  Bilateral switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G66DP 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT2G66DP Datasheet HTML 5Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 6Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 7Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 9Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 10Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 11Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 12Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2004 May 19
9
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
Fig.5
Test circuit for measuring ON-resistance
(RON).
MNA078
V
YZ
Iis
Vis = 0 to VCC - GND
HIGH
(from enable inputs)
GND
handbook, halfpage
02
10
60
40
10
0
20
46
8
MNB006
RON
(
Ω)
Vis (V)
VCC = 4.5 V
VCC = 6.0 V
VCC = 9.0 V
Fig.6
Typical ON-resistance (RON) as function of
input voltage (Vis).
Vis =0VtoVCC.
MNA079
AA
YZ
VI = VCC or GND
VO = GND or VCC
LOW
(from enable input)
GND
Fig.7 Test circuit for measuring OFF-state current.
MNA080
AA
YZ
VI = VCC or GND
VO (open circuit)
HIGH
(from enable input)
GND
Fig.8 Test circuit for measuring ON-state current.


유사한 부품 번호 - 74HCT2G66DP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT2G66DP NXP-74HCT2G66DP Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
74HCT2G66DP NXP-74HCT2G66DP Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HCT2G66DP NEXPERIA-74HCT2G66DP Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66DP-Q100 NEXPERIA-74HCT2G66DP-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74HCT2G66DP-Q100 NEXPERIA-74HCT2G66DP-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
More results

유사한 설명 - 74HCT2G66DP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com